Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 92 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 92 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 88Page - Silicon Laboratories CP2201 Datasheet HTML 89Page - Silicon Laboratories CP2201 Datasheet HTML 90Page - Silicon Laboratories CP2201 Datasheet HTML 91Page - Silicon Laboratories CP2201 Datasheet HTML 92Page - Silicon Laboratories CP2201 Datasheet HTML 93Page - Silicon Laboratories CP2201 Datasheet HTML 94Page - Silicon Laboratories CP2201 Datasheet HTML 95Page - Silicon Laboratories CP2201 Datasheet HTML 96Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
CP2200/1
92
Rev. 1.0
Register 71. PHYCF: Physical Layer Configuration Register
Bit 7:
SMSQ: Receiver Smart Squelch Enable Bit
0: Receiver Smart Squelch is disabled.
1: Receiver Smart Squelch is enabled.
Bit 6:
LINKINT: Link Integrity Function Enable Bit
Note: When enabled, the link integrity function will automatically disable the transmitter and receiver
and update LINKSTA (PHYCN.0) if a link failure is detected.
0: Link integrity function is disabled.
1. Link integrity function is enabled.
Bit 5:
JABBER: Jabber Protection Function Enable Bit
Note: When enabled, the jabber protection function will automatically disable loopback mode if a
jabber condition is detected.
0: Jabber protection function is disabled.
1: Jabber protection function is enabled.
Bit 4:
AUTONEG: Auto-Negotiation Enable Bit
0: Auto-Negotiation function is disabled.
1: Auto-Negotiation function is enabled.
Bit 3:
Reserved. Read = 0b; Must write 0b.
Bit 2:
ADPAUSE: Advertise Pause Packet Capability
0: Indicates (during auto-negotiation) that the CP2200/01 does not have pause packet capability.
1: Indicates (during auto-negotiation) that the CP2200/01 does have pause packet capability.
Bit 1:
AUTOPOL: Automatic Polarity Correction Enable Bit
0: Automatic receiver polarity correction is disabled.
1: Automatic receiver polarity correction is enabled.
Bit 0:
REVPOL: Polarity Reversal Bit
Note: This bit is ignored if Automatic Polarity Correction is enabled.
0: The receiver polarity is normal.
1: The receiver polarity is reversed.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
SMSQ
LINKINTG JABBER AUTONEG Reserved ADPAUSE AUTOPOL REVPOL 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com