Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 56 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 56 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 52Page - Silicon Laboratories CP2201 Datasheet HTML 53Page - Silicon Laboratories CP2201 Datasheet HTML 54Page - Silicon Laboratories CP2201 Datasheet HTML 55Page - Silicon Laboratories CP2201 Datasheet HTML 56Page - Silicon Laboratories CP2201 Datasheet HTML 57Page - Silicon Laboratories CP2201 Datasheet HTML 58Page - Silicon Laboratories CP2201 Datasheet HTML 59Page - Silicon Laboratories CP2201 Datasheet HTML 60Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
CP2200/1
56
Rev. 1.0
Register 31. TXSTA2: Transmit Status Vector 2
Register 32. TXSTA1: Transmit Status Vector 1
Note: This register contains bits 23–16 of the Transmit Status Vector.
Bit 7:
TXOK: Transmit Successful
0: Transmission was aborted.
1: Transmission was successful.
Bit 6:
TXLOOR: Type Field Detected
0: Last packet’s type/length field was used as a length.
1: Last packet’s type/length field was used as a type.
Bit 5:
TXLCERR: Length Check Error
0: Last packet’s length field matched the actual frame length.
1: Last packet’s length field did not match the actual frame length.
Bit 4:
TXCRCER: CRC Error
0: Last packet’s CRC matched the internally generated CRC.
1: Last packet’s CRC did not match the internally generated CRC.
Bits 3–0: TXCOL3-0: Transmit Collision Count
Number of collisions encountered during transmission of the last packet.
Note: This bit field does not overflow and will remain at 1111b (15 collisions) if 15 or more collisions
are encountered.
R
R
RRR
R
R
R
Reset Value
TXOK
TXTYPE TXLCERR TXCRCER TXCOL3
TXCOL2
TXCOL1
TXCOL0 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x60
Note: This register contains bits 15–8 of the Transmit Status Vector.
Bits 7–0: TXSTA1: Transmit Byte Count High Byte
The most significant 8-bits of the number of bytes in the last transmitted frame. Does not include
bytes transmitted due to collided attempts.
R
R
R
RRR
RR
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com