Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 26 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 26 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 22Page - Silicon Laboratories CP2201 Datasheet HTML 23Page - Silicon Laboratories CP2201 Datasheet HTML 24Page - Silicon Laboratories CP2201 Datasheet HTML 25Page - Silicon Laboratories CP2201 Datasheet HTML 26Page - Silicon Laboratories CP2201 Datasheet HTML 27Page - Silicon Laboratories CP2201 Datasheet HTML 28Page - Silicon Laboratories CP2201 Datasheet HTML 29Page - Silicon Laboratories CP2201 Datasheet HTML 30Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
CP2200/1
26
Rev. 1.0
INT0
0x63
Interrupt Status Register 0 (Self-Clearing)
page 31
INT0EN
0x64
Interrupt Enable Register 0
page 33
INT0RD
0x76
Interrupt Status Register 0 (Read-Only)
page 32
INT1
0x7F
Interrupt Status Register 1 (Self-Clearing)
page 34
INT1EN
0x7D
Interrupt Enable Register 1
page 36
INT1RD
0x7E
Interrupt Status Register 1 (Read-Only)
page 35
IOPWR
0x70
Port Input/Output Power
page 45
MACADDR
0x0A
MAC Address Pointer
page 79
MACDATAH
0x0B
MAC Data Register High Byte
page 79
MACDATAL
0x0C
MAC Data Register Low Byte
page 79
MACRW
0x0D
MAC Read/Write Initiate
page 79
OSCPWR
0x7C
Oscillator Power
page 46
PHYCF
0x79
Physical Layer Configuration
page 92
PHYCN
0x78
Physical Layer Control
page 91
PHYSTA
0x80
Physical Layer Status
page 93
RAMADDRH
0x08
RAM Address Pointer High Byte
page 24
RAMADDRL
0x09
RAM Address Pointer Low Byte
page 24
RAMRXDATA
0x02
RXFIFO RAM Data Register
page 24
RAMTXDATA
0x04
TXBUFF RAM Data Register
page 24
RSTEN
0x72
Reset Enable Register
page 42
RSTSTA
0x73
Reset Source Status Register
page 41
RXAUTORD
0x01
RXFIFO AutoRead w/ increment
page 62
RXCN
0x11
Receive Control
page 61
RXFIFOHEADH
0x17
Receive Buffer Head Pointer High Byte
page 71
RXFIFOHEADL
0x18
Receive Buffer Head Pointer Low Byte
page 71
RXFIFOSTA
0x5B
Receive Buffer Status
page 72
RXFIFOTAILH
0x15
Receive Buffer Tail Pointer High Byte
page 71
RXFIFOTAILL
0x16
Receive Buffer Tail Pointer Low Byte
page 71
RXFILT
0x10
Receive Filter Configuration
page 62
Table 11. Direct Registers
Register
Address
Description
Page No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com