Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 82 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 82 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 78Page - Silicon Laboratories CP2201 Datasheet HTML 79Page - Silicon Laboratories CP2201 Datasheet HTML 80Page - Silicon Laboratories CP2201 Datasheet HTML 81Page - Silicon Laboratories CP2201 Datasheet HTML 82Page - Silicon Laboratories CP2201 Datasheet HTML 83Page - Silicon Laboratories CP2201 Datasheet HTML 84Page - Silicon Laboratories CP2201 Datasheet HTML 85Page - Silicon Laboratories CP2201 Datasheet HTML 86Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
CP2200/1
82
Rev. 1.0
Indirect Register 2. MACCF: MAC Configuration Register
Bit 15:
Reserved. Read = 0b; Must write 0b.
Bit 14:
ABORTD: Abort Disable Bit
0: MAC will abort when excessive delay is detected and update the transmit status vector.
1: MAC will attempt to transmit indefinitely as specified in IEEE 802.3.
Bit 13:
EBBPD: Exponential Backoff after Back Pressure Disable Bit (Half-Duplex Only)
0: After incidentally causing a collision during back pressure, the MAC will use the exponential
backoff algorithm as specified in IEEE 802.3.
1: After incidentally causing a collision during back pressure, the MAC will immediately transmit
without using the exponential backoff algorithm.
Bit 12:
EBD: Exponential Backoff Disable (Half-Duplex Only)
0: MAC will use the exponential backoff algorithm as specified in IEEE 802.3.
1: MAC will immediately retransmit following a collision.
Bits 11–10:Reserved. Read = 00b; Write = don’t care.
Bit 9:
RLPRE: Reject Long Preamble
0: MAC allows any length preamble as specified in IEEE 802.3.
1: MAC rejects packets with a preamble greater than 12 bytes in length.
Bit 8:
PUREPRE: Pure Preamble Enforcement
0: No preamble checking is performed.
1: MAC will verify the content of the preamble to ensure it contains 0x55 and is error-free. Packets
with an invalid preamble will be rejected.
Bit 7–6:
PADMD[1:0]: Pad Mode
Note: This bit field is ignored if PADEN is cleared to ‘0’. See Table 21 for a complete description.
Bit 5:
PADEN: Pad Enable Bit (must be set to 0 in half-duplex operation)
Note: See Table 21 for a complete description.
Bit 4:
CRCEN: CRC Enable Bit
Note: This bit must be set to ‘1’ if padding is enabled.
0: CRC will not be appended. Frames presented to the MAC must contain CRC.
1: CRC will be appended.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reserved ABORTD
EBBPD
EBD
Reserved
RLPRE
PUREPRE
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
PADMD1 PADMD0
PADEN
CRCEN PHEADER Reserved LENCHK FLLDPLX
0x0000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MACADDR:
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com