Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 64 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 64 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 60Page - Silicon Laboratories CP2201 Datasheet HTML 61Page - Silicon Laboratories CP2201 Datasheet HTML 62Page - Silicon Laboratories CP2201 Datasheet HTML 63Page - Silicon Laboratories CP2201 Datasheet HTML 64Page - Silicon Laboratories CP2201 Datasheet HTML 65Page - Silicon Laboratories CP2201 Datasheet HTML 66Page - Silicon Laboratories CP2201 Datasheet HTML 67Page - Silicon Laboratories CP2201 Datasheet HTML 68Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
CP2200/1
64
Rev. 1.0
Register 41. CPINFOL: Current Packet Information Low Byte
Register 42. CPLENH: Current Packet Length High Byte
Register 43. CPLENL: Current Packet Length Low Byte
Bit 7:
RXOK: Receive OK
0: Receive not OK.
1: Receive OK.
Bit 6:
LENGTH: Length/Type Field Detection
0: The length/type field of the current packet contains the packet length.
1: The length/type field of the current packet contains the packet type.
Bit 5:
LENERR: Length Check Error
0: No errors detected in length field.
1: The length field does not match actual packet length.
Bit 4:
CRCERR: CRC Error
0: CRC check passed.
1: CRC check failed.
Bits 3–2: Reserved: Read = varies.
Bit 1:
RXLEN: Receive Length
0: Normal Operation.
1: The data received is not long enough to form a valid packet.
Bit 0:
RXDROP: Packet Dropped
0: Normal operation.
1: A packet has been dropped.
R
R
R
RRR
RR
Reset Value
RXOK
LENGTH LENERR CRCERR Reserved Reserved
RXLEN
RXDROP 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x1E
Bits 7–0: CPLENH: Current Packet Length High Byte
High byte of the current packet length.
R
R
R
RRR
RR
Reset Value
—
———
———
—
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x1F
Bits 7–0: CPLENL: Current Packet Length Low Byte
Low byte of the current packet length.
R
R
R
RRR
RR
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com