Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 94 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 94 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 90Page - Silicon Laboratories CP2201 Datasheet HTML 91Page - Silicon Laboratories CP2201 Datasheet HTML 92Page - Silicon Laboratories CP2201 Datasheet HTML 93Page - Silicon Laboratories CP2201 Datasheet HTML 94Page - Silicon Laboratories CP2201 Datasheet HTML 95Page - Silicon Laboratories CP2201 Datasheet HTML 96Page - Silicon Laboratories CP2201 Datasheet HTML 97Page - Silicon Laboratories CP2201 Datasheet HTML 98Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 108 page
background image
CP2200/1
94
Rev. 1.0
Figure 19. 10BASE-T Transmit
Figure 20. 10BASE-T Receive
Table 23. 10BASE-T Transmit Switching Characteristics
VDD = 3.1 to 3.6 V, –40 to +85 °C unless otherwise specified.
Symbol
Parameters
Min
Typ
Max
UNITS
TTXJIT
TX Pair Jitter into 100
Ω Load
—
1
—
ns
TTXHLD
TX Pair Positive Hold time at End of Packet
—
200
—
ns
TTXRET
TX Pair Return to < 50 mV after Last Positive
Transition
—210
—
ns
Table 24. 10BASE-T Receive Switching Characteristics
VDD = 3.1 to 3.6 V, –40 to +85 °C unless otherwise specified.
Symbol
Description
Min
Typ
Max
UNITS
TRXJIT
Allowable Received Jitter
—
—
±13.5
ns
TCSA
Carrier Sense Assertion Delay
—
400
—
ns
TIPB
Invalid Preamble Bits after Assertion of Carrier
Sense
2—2
bits
TCSD
Carrier Sense Deassertion Delay
—
200
—
ns
TX
±
T
TXJIT
...
50mV
T
TXRET
T
TXHLD
RX
±
T
RXJIT
...
T
CSD
T
CSA
T
IPB
...
Carrier Sense (internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com