Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 81 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 81 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 77Page - Silicon Laboratories CP2201 Datasheet HTML 78Page - Silicon Laboratories CP2201 Datasheet HTML 79Page - Silicon Laboratories CP2201 Datasheet HTML 80Page - Silicon Laboratories CP2201 Datasheet HTML 81Page - Silicon Laboratories CP2201 Datasheet HTML 82Page - Silicon Laboratories CP2201 Datasheet HTML 83Page - Silicon Laboratories CP2201 Datasheet HTML 84Page - Silicon Laboratories CP2201 Datasheet HTML 85Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
CP2200/1
Rev. 1.0
81
Indirect Register 1. MACCN: MAC Control Register
Bit 15:
Reserved. Read = varies; Must write 0b.
Bit 14:
RANDRST: Random Number Generator Reset
Writing a ‘1’ to this bit resets the random number generator within the transmit function.
Bits 13–5:Reserved. Read = varies; Must write 000000000b.
Bit 4:
LOOPBCK: Loopback Mode Enable Bit
Note: MAC Loopback Mode is independent of the physical layer loopback mode.
0: Normal operation.
1: MAC transmit data is internally looped back as MAC receive data.
Bit 3:
TXPAUSE: TX Flow Control Enable Bit (Full-Duplex Only)
0: PAUSE control frames are blocked.
1: PAUSE control frames are allowed to pass through the MAC.
Bit 2:
RXPAUSE: RX Flow Control Enable Bit (Full-Duplex Only)
0: PAUSE control frames received from the physical layer are ignored.
1: PAUSE control frames received from the physical layer are acted upon.
Bit 1:
Reserved. Read = 0; Must write 0b.
Bit 0:
RCVEN: Receive Enable
0: The MAC blocks control frames from reaching the receive interface. The MAC blocks all received
packets from the receive interface.
1: The MAC allows received packets to reach the receive interface.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reserved RANDRST
Reserved
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
Reserved
LOOPBCK TXPAUSE RXPAUSE Reserved
RCVEN
0x8000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MACADDR:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com