Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 68 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 68 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 64Page - Silicon Laboratories CP2201 Datasheet HTML 65Page - Silicon Laboratories CP2201 Datasheet HTML 66Page - Silicon Laboratories CP2201 Datasheet HTML 67Page - Silicon Laboratories CP2201 Datasheet HTML 68Page - Silicon Laboratories CP2201 Datasheet HTML 69Page - Silicon Laboratories CP2201 Datasheet HTML 70Page - Silicon Laboratories CP2201 Datasheet HTML 71Page - Silicon Laboratories CP2201 Datasheet HTML 72Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
CP2200/1
68
Rev. 1.0
Register 47. TLBVALID: TLB Valid Indicator
Register 48. TLBnINFOH: TLBn Information High Byte
Bits 7–0: TLBVALID: TLB Valid Indicator
Displays the valid bits for the eight TLB slots in a single byte.
Note: This register may be used to clear multiple valid bits simultaneously. For all writes, bits with a
value of ‘0’ will cause the associated valid bit to be cleared, and bits with a value of ‘1’ will be
ignored. For example, writing 0xFE to this register will clear the valid bit for TLB0.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
VAL7
VAL6
VAL5
VAL4
VAL3
VAL2
VAL1
VAL0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x1C
Address: TLB0INFOH: 0x23; TLB1INFOH: 0x29; TLB2INFOH: 0x2F; TLB3INFOH: 0x35;
TLB4INFOH: 0x3B; TLB5INFOH: 0x41; TLB6INFOH: 0x47; TLB7INFOH: 0x4D
Bit 7:
Reserved. Read = varies;
Bit 6:
RXVLAN: VLAN Type Detected
0: VLAN tagged frame not detected.
1: VLAN tagged frame detected.
Bit 5:
RXUNSUP: Unsupported Control Frame
0: Unsupported control frame not detected.
1: Unsupported control frame detected.
Bit 4:
RXPCF: Pause Control Frame
0: Pause control frame not detected.
1: Pause control frame detected.
Bit 3:
RXCF: Control Frame
0: Control frame not detected.
1: Control frame detected.
Bit 2:
RXADATA: Additional Data Received
0: Normal Operation.
1: 1 to 7 additional bits of data received following receipt of the packet.
Bit 1:
BCAST: Broadcast Packet
0: Packet is not a broadcast packet.
1: Packet is a broadcast packet.
Bit 0:
MCAST: Multicast Packet
0: Packet is not a multicast packet.
1: Packet is a multicast packet.
R
R
R
RRR
RR
Reset Value
Reserved RXVLAN
RXUCF
RXPCF
RXCF
RXADATA BCAST
MCAST 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com