Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 89 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 89 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 85Page - Silicon Laboratories CP2201 Datasheet HTML 86Page - Silicon Laboratories CP2201 Datasheet HTML 87Page - Silicon Laboratories CP2201 Datasheet HTML 88Page - Silicon Laboratories CP2201 Datasheet HTML 89Page - Silicon Laboratories CP2201 Datasheet HTML 90Page - Silicon Laboratories CP2201 Datasheet HTML 91Page - Silicon Laboratories CP2201 Datasheet HTML 92Page - Silicon Laboratories CP2201 Datasheet HTML 93Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
CP2200/1
Rev. 1.0
89
15.3. Loopback Mode
Loopback Mode provides the ability to transfer data from the physical layer’s output directly to it’s input to aid in
system debugging. When PHYCN.3 is set to ‘1’, transmit data is looped back to the receiver via an internal analog
path. The transmit drivers and receive input circuitry are bypassed, isolating the device from the network. This
prevents network traffic from affecting the result of any system self-tests and guarantees a collision-free
environment.
15.4. Link Integrity Function
The Link Integrity function provides the ability to detect and respond to a 10 BASE-T link failure. When such a
failure is detected, the transmitter and receiver are automatically disabled, and the state of the link is reported in
LINKSTA (PHYCN.0). The host can disable the link integrity function by clearing LINKINT (PHYCF.6) to ‘0’. When
the link integrity function is disabled, the physical layer will operate regardless of the presence of link pulses.
15.5. Receiver Smart Squelch and Automatic Polarity Correction
The physical layer receiver can detect and correct for noise or incorrect polarity of the received signal. If the
receiver Smart Squelch feature is enabled by setting SMSQ (PHYCF.7) to ‘1’, the receiver circuitry performs a
combination of amplitude and timing measurements (in accordance with IEEE 802.3) to determine the validity of
received data. This prevents noise from falsely triggering the receiver in the absence of valid data.
Automatic polarity correction can automatically detect and correct the polarity of the received data to compensate
for a wiring error at either end of the 10 BASE-T cable. When automatic polarity correction is enabled by setting
AUTOPOL (PHYCF.1) to ‘1’, the polarity of the receive data is indicated in POLREV (PHYCN.1). When automatic
polarity detection is disabled, the polarity of the receive data can be manually reversed by setting REVPOL
(PHYCF.0) to ‘1’.
15.6. Transmitter Jabber Function
Provides the ability to automatically disable the transmitter if software attempts to transmit a packet longer than the
maximum allowed packet length (per IEEE 802.3). The host processor will be notified via the Jabber Detected
Interrupt if a jabber condition is automatically handled by the hardware. Enabling the jabber function is
recommended to ensure that the embedded system using the CP2200/1 for Ethernet communication does not
generate a jabber condition on the wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com