Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 84 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 84 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 80Page - Silicon Laboratories CP2201 Datasheet HTML 81Page - Silicon Laboratories CP2201 Datasheet HTML 82Page - Silicon Laboratories CP2201 Datasheet HTML 83Page - Silicon Laboratories CP2201 Datasheet HTML 84Page - Silicon Laboratories CP2201 Datasheet HTML 85Page - Silicon Laboratories CP2201 Datasheet HTML 86Page - Silicon Laboratories CP2201 Datasheet HTML 87Page - Silicon Laboratories CP2201 Datasheet HTML 88Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
CP2200/1
84
Rev. 1.0
Indirect Register 3. IPGT: Back-to-Back Inter-Packet Gap Register
Indirect Register 4. IPGR: Non-Back-to-Back Inter-Packet Gap Register
Bits 15–7:Reserved. Read = 000000000b; Must write 000000000b.
Bits 6–0: IPGT: Back-to-Back Inter-Packet Gap Register
Sets the minimum delay between the end of any transmitted packet and the start of a new packet.
In Full-Duplex mode, the register value should be set to the desired number of time units (each time
unit is 0.46 µs) minus 3. The recommended setting is 0x15 (21d), which yields 9.6 µs.
In Half-Duplex mode, the register value should be set to the desired number of time units (each time
unit is 0.46 µs) minus 6. The recommended setting is 0x12 (18d), which yields 9.6 µs.
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
Reserved
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
Reserved
IPGT
0x0000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MACADDR:
0x02
Bit 15:
Reserved. Read = 0b; Must write 0b.
Bits 14–8:IPGR1: Non-Back-to-Back Inter-Packet Gap Part 1
Sets the optional carrier sense window referenced in IEEE 802.3 Section 4.2.3.2.1. The range of
values for this bit field are 0x00 to IPGR2. The recommended value is 0x0C.
Bit 7:
Reserved. Read = 0b; Must write 0b.
Bits 6–0: IPGR2: Non-Back-to-Back Inter-Packet Gap Part 2
Sets the Non-Back-to-Back Inter-Packet Gap. The recommended value is 0x12, which represents a
minimum inter-packet gap of 9.6 µs.
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
Reserved
IPGR1
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
Reserved
IPGR2
0x0000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MACADDR:
0x03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com