Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 17Page - Silicon Laboratories CP2201 Datasheet HTML 18Page - Silicon Laboratories CP2201 Datasheet HTML 19Page - Silicon Laboratories CP2201 Datasheet HTML 20Page - Silicon Laboratories CP2201 Datasheet HTML 21Page - Silicon Laboratories CP2201 Datasheet HTML 22Page - Silicon Laboratories CP2201 Datasheet HTML 23Page - Silicon Laboratories CP2201 Datasheet HTML 24Page - Silicon Laboratories CP2201 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
CP2200/1
Rev. 1.0
21
6.5. LED Control
The CP2200/1 can be used to control link status and activity LEDs. The CP2200 (48-pin TQFP) has two push-pull
LED drivers that can source up to 10 mA each. The CP2201 (28-pin QFN) has a single push-pull LED driver that
turns the LED on or off based on the link status and blinks the LED when activity is detected on a good link. Table 9
shows the function of the LED signals available on the CP2200/1.
Figure 12 shows a typical LED connection for the CP2200. The CP2201 uses an identical connection for the LA
(link/activity) pin. The LED drivers are enabled and disabled using the IOPWR register on page 45.
Figure 12. LED Control Example (CP2200)
Table 9. LED Control Signals
Signal
Device
Description
LINK
CP2200
Asserted when valid link pulses are detected.
ACT
CP2200
Asserted for 50 ms for each packet transmitted or received.
LA
CP2201
Asserted when valid link pulses are detected and toggled for 50 ms for
each packet transmitted or received.
LINK
ACT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com