Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 37 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 37 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 33Page - Silicon Laboratories CP2201 Datasheet HTML 34Page - Silicon Laboratories CP2201 Datasheet HTML 35Page - Silicon Laboratories CP2201 Datasheet HTML 36Page - Silicon Laboratories CP2201 Datasheet HTML 37Page - Silicon Laboratories CP2201 Datasheet HTML 38Page - Silicon Laboratories CP2201 Datasheet HTML 39Page - Silicon Laboratories CP2201 Datasheet HTML 40Page - Silicon Laboratories CP2201 Datasheet HTML 41Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
CP2200/1
Rev. 1.0
37
9. Reset Sources
Reset circuitry allows the CP2200/1 to be easily placed in a predefined default condition. Upon entry to this reset
state, the following events occur:
All direct and indirect registers are initialized to their defined reset values.
Digital pins (except /RST) are forced into a high impedance state with a weak pull-up to VDD.
Analog pins (TX+/TX–, RX+/RX–) are forced into a high impedance state without a weak pull-up.
The external oscillator is stopped and /RST driven low (except on a software reset).
All interrupts are enabled.
The contents of the transmit and receive buffers are unaffected by a reset as long as the device has maintained
sufficient supply voltage. However, since the buffer pointers are reset to their default values, the data is effectively
lost unless the host processor has kept track of the starting address and length of each packet in the buffer.
The CP2200/1 has five reset sources that place the device in the reset state. The method of entry to the reset state
determines the amount of time spent in reset and the behavior of the /RST pin. Each of the following reset sources
is described in the following sections:
Power-On
Power-Fail
Oscillator-Fail
External /RST Pin
Software Command
Upon exit from the reset state, the device automatically starts the external oscillator and waits for it to settle (this
step is skipped on software reset). Once the crystal oscillator settles, the Oscillator Initialization Complete interrupt
occurs (interrupt pin asserted), and the host processor may now access the internal registers to poll for the Self
Initialization Complete Interrupt. If the host does not have access to the interrupt signal, it should wait
approximately 1 ms after the rising edge of reset pin prior to polling the internal registers. Note that the reset pin
could remain low up to 100 ms depending on the power supply ramp time.
The device is fully functional after the Self Initialization has completed. See “6.2. Reset Initialization” on page 18 for
the recommended initialization procedure following a device reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com