Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 43 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 43 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 39Page - Silicon Laboratories CP2201 Datasheet HTML 40Page - Silicon Laboratories CP2201 Datasheet HTML 41Page - Silicon Laboratories CP2201 Datasheet HTML 42Page - Silicon Laboratories CP2201 Datasheet HTML 43Page - Silicon Laboratories CP2201 Datasheet HTML 44Page - Silicon Laboratories CP2201 Datasheet HTML 45Page - Silicon Laboratories CP2201 Datasheet HTML 46Page - Silicon Laboratories CP2201 Datasheet HTML 47Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
CP2200/1
Rev. 1.0
43
10. Power Modes
The CP2200/1 has four power modes that can be used to minimize overall system power consumption. The power
modes vary in device functionality and recovery methods. Each of the following power modes is explained in the
following sections:
Normal Mode (Device Fully Functional)
Link Detection Mode (Transmitter Disabled)
Memory Mode (Transmitter and Receiver Disabled)
Shutdown Mode (Oscillator Output Disabled)
The power modes above are achieved by disabling specific primary functions of the CP2200/1. Figure 15 shows
how power is distributed throughout the CP2200/1. To further reduce power consumption in any of the power
modes, secondary device functions may be turned off individually. The secondary device functions that may be
turned off are:
Link/Activity LED Drivers
Weak pull-ups to VDD
VDD Monitor
Figure 15. Power and Clock Distribution Control
VDD
System
Clock
(Oscillator)
Parallel Host
Interface
TX and RX
Buffers
MAC
Flash Memory
VDD Monitor
PHY
Transmitter
Receiver
VDMCN.7
OSCPWR.0
PHYCN.7
TXEN
(PHYCN.6)
RXEN
(PHYCN.5)
IOPWR
Activity LED
Link LED
Weak
Pullups
All Digital Pins
LINK (LA) Pin
ACT Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com