Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 51 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 51 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 47Page - Silicon Laboratories CP2201 Datasheet HTML 48Page - Silicon Laboratories CP2201 Datasheet HTML 49Page - Silicon Laboratories CP2201 Datasheet HTML 50Page - Silicon Laboratories CP2201 Datasheet HTML 51Page - Silicon Laboratories CP2201 Datasheet HTML 52Page - Silicon Laboratories CP2201 Datasheet HTML 53Page - Silicon Laboratories CP2201 Datasheet HTML 54Page - Silicon Laboratories CP2201 Datasheet HTML 55Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
CP2200/1
Rev. 1.0
51
Register 18. TXCN: Transmit Control Register
Register 19. TXBUSY: Transmit Busy Indicator
Bit 7:
OVRRIDE: Default Override
0: Settings for bits 5, 4, 3, 2, and 1 in TXCN will be ignored. MAC settings will take effect.
1: Settings for bits 5, 4, 3, 2, and 1 in TXCN will be applied. MAC settings will be overridden.
Bit 6:
UNUSED. Read = 0b, Write = don’t care.
Bit 5:
CRCENOV: CRC Enable
0: Disable CRC append on transmission.
1: Enable CRC append on transmission.
Bit 4:
PADENOV: Pad Enable
0: Disable padding of short frames.
1: Enable padding of short frames.
Bit 3:
TXPPKT: Transmit a PAUSE control packet
0: Normal packet transmission. Packet data will be obtained from the transmit buffer.
1: A PAUSE control packet with the value of TXPAUSEH:TXPAUSEL will be transmitted. Data in the
transmit buffer will not be accessed. PAUSE control packets are only valid in full-duplex mode.
Bit 2:
BCKPRES: Apply Back Pressure
0: Normal packet transmission. Back pressure will not be applied.
1: Back pressure will be applied on transmission (only valid in half duplex mode).
Bit 1:
FDPLXOV: Full Duplex Operation
Note: The transmit interface, MAC, and physical layer must be configured to the same duplex mode.
0: Transmit interface operates in half duplex mode.
1: Transmit interface operates in full duplex mode.
Bit 0:
TXGO: Transmit Packet
Set this bit to ‘1’ to begin transmission of a packet.
Note: TXGO should not be set to one if both TXSTART and TXEND are zero (i.e., no data has been
added to the buffer).
R/W
R/W
R/W
R/W
R/W
R/W
R/W
W
Reset Value
OVRRIDE
—
CRCENOV PADENOV TXPPKT BCKPRES FDPLXOV
TXGO
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x53
Bits 7–1: UNUSED. Read = 0000000b, Write = don’t care.
Bit 0:
TXBUSY: Packet Transmit Status
0: Packet Transmit is not in progress.
1: Packet Transmit is in progress.
R
R
R
RRR
RR
Reset Value
—
—
—
—
—
—
—
TXBUSY 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com