Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 67 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 67 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 63Page - Silicon Laboratories CP2201 Datasheet HTML 64Page - Silicon Laboratories CP2201 Datasheet HTML 65Page - Silicon Laboratories CP2201 Datasheet HTML 66Page - Silicon Laboratories CP2201 Datasheet HTML 67Page - Silicon Laboratories CP2201 Datasheet HTML 68Page - Silicon Laboratories CP2201 Datasheet HTML 69Page - Silicon Laboratories CP2201 Datasheet HTML 70Page - Silicon Laboratories CP2201 Datasheet HTML 71Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
CP2200/1
Rev. 1.0
67
The Receive FIFO Full interrupt will be generated once all free space in the buffer is used or all TLB slots are filled.
The host processor should read the RXFIFOSTA register to determine the cause of the interrupt. To receive
additional packets after the buffer is filled, packets must be removed from the buffer by reading them out or
discarding them. Packets can be discarded one at a time or all at once by writing ‘1’ to RXCLEAR (RXCN.0).
12.7. Receive Buffer Advanced Status and Control Registers
The receive buffer is controlled and managed through the registers in Table 17. These registers are not commonly
accessed by the host processor except for debug purposes.
Register 46. CPTLB: Current Packet TLB Number
Table 17. Receive Status and Control Register Summary
Register
Long Name
Address
Description
CPTLB
Current Packet TLB Number
0x1A
Specifies the TLB number (0–7) associated with
the current packet.
TLBVALID
TLB Valid Indicator
0x1C
Indicates which TLBs currently have valid pack-
ets.
TLBnINFOH
TLBnINFOL
TLBn Packet Information
multiple Specifies information about the packet associ-
ated with TLBn (n = 0–7).
TLBLENH
TLBLENL
TLBn Packet Length
multiple Specifies the length of the packet associated
with TLBn (n = 0–7).
TLBnADDRH
TLBnADDRL
TLBn Packet Address
multiple Specifies the starting address of the packet
associated with TLBn (n = 0–7).
RXFIFOTAILH
RXFIFOTAILL
Receive FIFO Buffer Tail Pointer
0x15
0x16
Points to the byte following the last valid byte.
This is where new packets are added.
RXFIFOHEADH
RXFIFOHEADL
Receive FIFO Buffer Head
Pointer
0x17
0x18
Points to the beginning of the current packet
and is incremented with each Auto Read.
RXFIFOSTA
Receive FIFO Buffer Status
0x5B
Indicates the cause of the Receive FIFO Buffer
Full interrupt.
Bits 7–3: UNUSED. Read = 00000b; Write = don’t care.
Bits 2–0: CPTLB[2:0]: Current Packet TLB Number
The TLB Number (0–7) of the TLB slot associated with the current packet.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
—
—
—
—
—
CPTLB
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com