Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 25 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 21Page - Silicon Laboratories CP2201 Datasheet HTML 22Page - Silicon Laboratories CP2201 Datasheet HTML 23Page - Silicon Laboratories CP2201 Datasheet HTML 24Page - Silicon Laboratories CP2201 Datasheet HTML 25Page - Silicon Laboratories CP2201 Datasheet HTML 26Page - Silicon Laboratories CP2201 Datasheet HTML 27Page - Silicon Laboratories CP2201 Datasheet HTML 28Page - Silicon Laboratories CP2201 Datasheet HTML 29Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
CP2200/1
Rev. 1.0
25
7.2. Internal Registers
The CP2200/1 has 114 direct internal registers and 9 indirect registers. The registers are grouped into ten
categories based on function. Table 10 lists the register groups and provides links to the detailed register
descriptions for each group. Table 11 lists all direct registers available on the device.
Table 10. CP2200/1 Register Groups
RAM Access Registers
Section 7.1 on page 23
Interrupt Status and Control Registers
Section 8 on page 30
Reset Source Registers
Section 9 on page 37
Power Mode Registers
Section 10 on page 43
Transmit Status and Control Registers
Section 11.5 on page 49
Receive Interface Status and Control Registers
Section 12.5 on page 60
Receive Buffer Status and Control Registers
Section 12.7 on page 67
FLASH Access Registers
Section 13.3 on page 75
MAC Access Registers
Section 14.2 on page 78
MAC Indirect Registers
Section 14.3 on page 80
PHY Status and Control Registers
Section 15 on page 88
Table 11. Direct Registers
Register
Address
Description
Page No.
CPADDRH
0x21
Current RX Packet Address High Byte
page 65
CPADDRL
0x22
Current RX Packet Address Low Byte
page 65
CPINFOH
0x1D
Current RX Packet Information High Byte
page 63
CPINFOL
0x1E
Current RX Packet Information Low Byte
page 64
CPLENH
0x1F
Current RX Packet Length High Byte
page 64
CPLENL
0x20
Current RX Packet Length Low Byte
page 64
CPTLB
0x1A
Current RX Packet TLB Number
page 67
FLASHADDRH
0x69
Flash Address Pointer High Byte
page 76
FLASHADDRL
0x68
Flash Address Pointer Low Byte
page 76
FLASHAUTORD
0x05
Flash AutoRead w/ increment
page 77
FLASHDATA
0x06
Flash Read/Write Data Register
page 77
FLASHERASE
0x6A
Flash Erase
page 77
FLASHKEY
0x67
Flash Lock and Key
page 76
FLASHSTA
0x7B
Flash Status
page 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com