Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 72 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 72 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 68Page - Silicon Laboratories CP2201 Datasheet HTML 69Page - Silicon Laboratories CP2201 Datasheet HTML 70Page - Silicon Laboratories CP2201 Datasheet HTML 71Page - Silicon Laboratories CP2201 Datasheet HTML 72Page - Silicon Laboratories CP2201 Datasheet HTML 73Page - Silicon Laboratories CP2201 Datasheet HTML 74Page - Silicon Laboratories CP2201 Datasheet HTML 75Page - Silicon Laboratories CP2201 Datasheet HTML 76Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
CP2200/1
72
Rev. 1.0
Register 58. RXFIFOSTA: Receive FIFO Status Register
This register is set by hardware and is valid after an RX FIFO Full Interrupt is generated or
if TLBVALID equals 0xFF.
Bits 7–2: UNUSED. Read = 000000b, Write = don’t care.
Bits 1–0: FIFOSTA[1:0]: Receive FIFO Status
00: Initial Value—No information.
01: The last packet successfully received used all available free space in the buffer.
10: The last packet successfully received was the 8th packet in the receive buffer. There is free
space remaining in the receive buffer; however, the maximum number of packets in the buffer has
been reached. Any future packets received will cause overflow.
Note: Receiving an unsuccessful 9th packet will cause overflow.
11: The last packet successfully received was the eighth packet in the receive buffer and used all
available free space in the buffer.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
—
—
—
—
—
—
FIFOSTA1 FIFOSTA0 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x5B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com