Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 1 Page - Silicon Laboratories

  CP2201 Datasheet HTML 1Page - Silicon Laboratories CP2201 Datasheet HTML 2Page - Silicon Laboratories CP2201 Datasheet HTML 3Page - Silicon Laboratories CP2201 Datasheet HTML 4Page - Silicon Laboratories CP2201 Datasheet HTML 5Page - Silicon Laboratories CP2201 Datasheet HTML 6Page - Silicon Laboratories CP2201 Datasheet HTML 7Page - Silicon Laboratories CP2201 Datasheet HTML 8Page - Silicon Laboratories CP2201 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
Rev. 1.0 5/07
Copyright © 2007 by Silicon Laboratories
CP2200/1
CP2200/1
SINGLE-CHIP ETHERNET CONTROLLER
Ethernet Controller
Integrated IEEE 802.3 MAC and 10 BASE-T PHY
Fully compatible with 100/1000 BASE-T networks
Full/Half duplex with auto-negotiation
Automatic polarity detection and correction
Automatic retransmission on collision
Automatic padding and CRC generation
Supports broadcast and multi-cast MAC addressing
Parallel Host Interface (30 Mbps Transfer Rate)
8-bit multiplexed or non-multiplexed mode
Only 11 I/O pins required in multiplexed mode
Intel® or Motorola® Bus Format
Interrupt on received packets and Wake-on-LAN
8 kB Flash Memory
8192 bytes ISP non-volatile memory
Factory pre-programmed unique 48-bit MAC Address
No external EEPROM required
Other Features
LED output drivers (Link/Activity)
Dedicated 2 kB RAM transmit buffer and 4 kB RAM
receive FIFO buffer
Power-on Reset
5 V Tolerant I/O
Software Support
Royalty-free TCP/IP stack with device drivers
TCP/IP Stack Configuration Wizard
Hardware diagnostic software and example code
Example Applications
Remote sensing and monitoring
Inventory management
VoIP phone adapters
Point-of-sale devices
Network clocks
Embedded Web Server
Remote Ethernet-to-UART bridge
Supply Voltage
3.1 to 3.6 V
Package
Pb-free 48-pin TQFP (9x9 mm footprint)
Pb-free 28-pin QFN (5x5 mm footprint)
Ordering Part Number
CP2200-GQ (48-pin)
CP2201-GM (28-pin)
Temperature Range: –40 to +85 °C
Figure 1. Example System Diagram
Host
Interface
8 kB
Flash
4 kB
Rx FIFO
2 kB
Tx Buffer
Ethernet
MAC
Ethernet
PHY
RX+/RX-
TX+/TX-
Clock
LED
Control
20 MHz
XTAL
RJ-45
ACT
LED
LINK
LED
CP2200


Similar Part No. - CP2201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2200 ETC1-CP2200 Datasheet
272Kb / 3P
TRANSHIELLD CP2000 SERIES
CP2200A ETC1-CP2200A Datasheet
272Kb / 3P
TRANSHIELLD CP2000 SERIES
More results

Similar Description - CP2201

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
PCnetTM-ISA Single-Chip Ethernet Controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
Single Chip Fast Ethernet NIC Controller
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
Single Chip Fast Ethernet NIC Controller
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com