Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 35Page - Silicon Laboratories CP2201 Datasheet HTML 36Page - Silicon Laboratories CP2201 Datasheet HTML 37Page - Silicon Laboratories CP2201 Datasheet HTML 38Page - Silicon Laboratories CP2201 Datasheet HTML 39Page - Silicon Laboratories CP2201 Datasheet HTML 40Page - Silicon Laboratories CP2201 Datasheet HTML 41Page - Silicon Laboratories CP2201 Datasheet HTML 42Page - Silicon Laboratories CP2201 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
CP2200/1
Rev. 1.0
39
9.2. Power-fail
When a power-down transition or power irregularity causes VDD to drop below VRST, the power supply monitor will
drive the /RST pin low and return the CP2200/1 to the reset state. When VDD returns to a level above VRST, the
CP2200/1 will be released from the reset state as shown in Figure 14.
The power supply monitor circuit (VDD Monitor) is enabled and selected as a reset source by hardware following
every power-on reset. To prevent the device from being held in reset when VDD drops below VRST, the VDD Monitor
may be deselected as a reset source (see RSTEN on page 42) and disabled (see VDMCN on page 39). It is
recommended to leave the VDD Monitor enabled and selected as a reset source at all times.
Register 11. VDMCN: VDD Monitor Control Register
9.3. Oscillator-Fail Reset
If the system clock derived from the oscillator fails for any reason after oscillator initialization is complete, the reset
circuitry will drive the /RST pin low and return the CP2200/1 to the reset state. The CP2200/1 will remain in the
reset state for approximately 1 ms then exit the reset state in the same manner as that for the power-on reset.
9.4. External Pin Reset
The external /RST pin provides a means for external circuitry to force the CP2200/1 into a reset state. Asserting the
/RST pin low will cause the CP2200/1 to enter the reset state. It is recommended to provide an external pull-up
and/or decoupling capacitor of the /RST pin to avoid erroneous noise-induced resets. The CP2200/1 will exit the
reset state approximately 4 µs after a logic high is detected on /RST.
Bit 7:
VDMEN: VDD Monitor Enable
This bit can be used to disable or enable the VDD Monitor Circuit. Note: The VDD Monitor circuit is
enabled and selected as a reset source following every power-on reset. If the VDD Monitor is
disabled and then reenabled during device operation, it must be allowed to stabilize before it is
selected as a reset source. Selecting the VDD Monitor as a reset source before it has stabilized will
generate a system reset. See Table 13 on page 42 for the minimum VDD Monitor turn-on time.
0: VDD Monitor Disabled.
1: VDD Monitor Enabled.
Bit6:
VDDSTAT: VDD Status
This bit indicates the current power supply status (VDD Monitor output).
0: VDD voltage is at or below the VDD Monitor threshold.
1: VDD voltage is above the VDD Monitor threshold.
Bits 5–0: RESERVED. Read = varies; Write = don’t care.
R/W
R/W
R
RRR
RR
Reset Value
VDMEN VDDSTAT Reserved Reserved Reserved Reserved Reserved Reserved 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com