Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 41 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 37Page - Silicon Laboratories CP2201 Datasheet HTML 38Page - Silicon Laboratories CP2201 Datasheet HTML 39Page - Silicon Laboratories CP2201 Datasheet HTML 40Page - Silicon Laboratories CP2201 Datasheet HTML 41Page - Silicon Laboratories CP2201 Datasheet HTML 42Page - Silicon Laboratories CP2201 Datasheet HTML 43Page - Silicon Laboratories CP2201 Datasheet HTML 44Page - Silicon Laboratories CP2201 Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
CP2200/1
Rev. 1.0
41
9.6. Determining the Source of the Last Reset
The RSTSTA register can be used to determine the cause of the last reset. Note: If the PORSI bit is set to logic 1,
all other bits in RSTSTA are undefined. It is impossible to differentiate between a power-on, power-fail, and
oscillator-fail reset by reading the RSTSTA register.
Register 13. RSTSTA: Reset Source Status Register
Bits 7–3: UNUSED. Read = 00000b, Write = don’t care.
Bit 2:
SWRSI: Software Reset Indicator
0: Source of last reset was not a write to RESET (SWRESET.2).
1: Source of last reset was a write to RESET (SWRESET.2).
Bit 1:
PORSI: Power-On / Power-Fail / Oscillator-Fail Reset Indicator
0: Source of last reset was not a power-on, power-fail, or oscillator-fail event.
1: Source of last reset was a power-on, power-fail, or oscillator-fail event.
Bit 0:
PINRSI: External Pin Reset Indicator
0: Source of last reset was not the /RST pin.
1: Source of last reset was the /RST pin.
R/W
R/W
R/W
R/W
R/W
R
R
R
Reset Value
—
—
—
—
—
SWRSI
PORSI
PINRSI
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com