Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 2Page - Silicon Laboratories CP2201 Datasheet HTML 3Page - Silicon Laboratories CP2201 Datasheet HTML 4Page - Silicon Laboratories CP2201 Datasheet HTML 5Page - Silicon Laboratories CP2201 Datasheet HTML 6Page - Silicon Laboratories CP2201 Datasheet HTML 7Page - Silicon Laboratories CP2201 Datasheet HTML 8Page - Silicon Laboratories CP2201 Datasheet HTML 9Page - Silicon Laboratories CP2201 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
CP2200/1
6
Rev. 1.0
2. Typical Connection Diagram
Figure 2 and Figure 3 show typical connection diagrams for the 48-pin CP2200 and 28-pin CP2201.
Figure 2. Typical Connection Diagram (Non-Multiplexed)
CP2200
XTAL2
XTAL1
20 MHz
10 M
Ω
22 pF
22 pF
+3VD
0.1 uF
0.1 uF
0.1 uF
10 uF
MCU
CS
A[7:0]
A15
A[7:0]
D[7:0]
D[7:0]
8
8
RD
RD
INT
INT
WR
WR
MUXEN
MOTEN
RST
4.7 k
Ω
+3VD
TX+
TX–
TXP
TXN
TCT
RX+
RX–
RXP
RXN
RCT
8
Ω
8
Ω
0.001 uF
0.1 uF
0.1 uF
100
Ω
RJ-45
1
2
3
4
5
6
7
8
LINK
ACT
ACT
LINK
Integrated RJ-45 Jack
GND
AGND
DGND2
DGND1
Optional
Optional
Chassis
Ground
1:2.5
1:1
0.001 uF
Note: The CP220x should be placed within 1 inch of the transformer for optimal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com