Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 80 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 80 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 76Page - Silicon Laboratories CP2201 Datasheet HTML 77Page - Silicon Laboratories CP2201 Datasheet HTML 78Page - Silicon Laboratories CP2201 Datasheet HTML 79Page - Silicon Laboratories CP2201 Datasheet HTML 80Page - Silicon Laboratories CP2201 Datasheet HTML 81Page - Silicon Laboratories CP2201 Datasheet HTML 82Page - Silicon Laboratories CP2201 Datasheet HTML 83Page - Silicon Laboratories CP2201 Datasheet HTML 84Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 108 page
background image
CP2200/1
80
Rev. 1.0
14.3. Indirect MAC Register Descriptions
The MAC is configured through nine indirect 16-bit registers listed in Table 20. See the figures following Table 20
for detailed register descriptions.
Table 20. Indirect MAC Register Summary
Register
Long Name
Address
Description
MACCN
MAC Control
0x00
Used to enable reception and other options.
MACCF
MAC Configuration
0x01
Used to configure padding options and other
settings.
IPGT
Back-to-Back Interpacket Delay
0x02
Sets the Back-to-Back Interpacket Delay.
IPGR
Non-Back-to-Back Interpacket
Delay
0x03
Sets the Non-Back-to-Back Interpacket
Delay.
CWMAXR
Collision Window and Maximum
Retransmit
0x04
Sets the collision window size and the maxi-
mum number of retransmits allowed.
MAXLEN
Maximum Frame Length
0x05
Sets the maximum receive frame length.
MACAD0
MACAD1
MACAD2
MAC Address
0x10
0x11
0x12
Sets the MAC address of the local device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com