Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 83 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 83 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 79Page - Silicon Laboratories CP2201 Datasheet HTML 80Page - Silicon Laboratories CP2201 Datasheet HTML 81Page - Silicon Laboratories CP2201 Datasheet HTML 82Page - Silicon Laboratories CP2201 Datasheet HTML 83Page - Silicon Laboratories CP2201 Datasheet HTML 84Page - Silicon Laboratories CP2201 Datasheet HTML 85Page - Silicon Laboratories CP2201 Datasheet HTML 86Page - Silicon Laboratories CP2201 Datasheet HTML 87Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
CP2200/1
Rev. 1.0
83
Indirect Register 2. MACCF: MAC Configuration Register (Continued)
Bit 3:
PHEADER: Proprietary Header Select Bit
0: No proprietary header exists on the front of IEEE 802.3 frames.
1: Four bytes of proprietary header information exist on the front of IEEE 802.3 frames. These bytes
will be ignored by the CRC function.
Bit 2:
Reserved. Read = 0b; Must write 0b.
Bit 1:
LENCHK: Frame Length Checking Enable Bit
0: Frame length checking is disabled.
1: Transmit and receive frame lengths are compared to the Length/Type field. If the Length/Type
field represents a length then the check is performed. Mismatches are reported in the Transmit/
Receive status vectors.
Bit 0:
FLLDPLX: Full-Duplex Mode Enable Bit
0: MAC operates in half-duplex mode.
1: MAC operates in full-duplex mode.
Table 21. Pad Operation
PADMD1[7] PADMD0[6] PADEN[5] CRCEN[4]
Action
x
x
0
0
No padding added on transmitted packets,
check CRC
x
x
0
1
No padding added on transmitted packets,
append CRC
0
0
1
1
Pad short frames to 60 bytes, append CRC
x
1
1
1
Pad short frames to 64 bytes, append CRC
1
0
1
1
Auto Detect Tagged VLAN Frames
(IEEE802.1q)
If untagged: Pad to 60 bytes, append CRC
If tagged: Pad to 64 bytes, append CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com