Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 74 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 74 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 70Page - Silicon Laboratories CP2201 Datasheet HTML 71Page - Silicon Laboratories CP2201 Datasheet HTML 72Page - Silicon Laboratories CP2201 Datasheet HTML 73Page - Silicon Laboratories CP2201 Datasheet HTML 74Page - Silicon Laboratories CP2201 Datasheet HTML 75Page - Silicon Laboratories CP2201 Datasheet HTML 76Page - Silicon Laboratories CP2201 Datasheet HTML 77Page - Silicon Laboratories CP2201 Datasheet HTML 78Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
CP2200/1
74
Rev. 1.0
13.2. Reading the Flash Memory
Flash reads occur much faster than Flash write or erase operations and are completed within the minimum read
strobe time specified by the parallel host interface. Flash is read using the FLASHADDRH:FLASHADDRL,
FLASHDATA, and FLASHAUTORD registers. The FLASHAUTORD register provides an efficient method of
accessing sequential data in Flash by automatically incrementing the Flash address pointer after each read.
13.2.1. Flash Read Procedure
Step 1: Set FLASHADDRH:FLASHADDRL to the address of the byte to be read.
Step 2: Read the value of the byte from FLASHDATA.
13.2.2. Multiple Byte Flash Read Procedure
Step 1: Set FLASHADDRH:FLASHADDRL to the address of the first byte to be read.
Step 2: For each byte, read the value from FLASHAUTORD.
Table 18. Flash Electrical Characteristics
VDD = 3.1 to 3.6 V, –40 to +85 °C unless otherwise specified.
Parameters
Conditions
Min
Typ
Max
Units
Flash Size
8192
—
—
bytes
Endurance
20k
100k
—
Erase/
Write
Erase Cycle Time
—
11
—
ms
Write Cycle Time
40
55
70
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com