Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 75 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 75 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 71Page - Silicon Laboratories CP2201 Datasheet HTML 72Page - Silicon Laboratories CP2201 Datasheet HTML 73Page - Silicon Laboratories CP2201 Datasheet HTML 74Page - Silicon Laboratories CP2201 Datasheet HTML 75Page - Silicon Laboratories CP2201 Datasheet HTML 76Page - Silicon Laboratories CP2201 Datasheet HTML 77Page - Silicon Laboratories CP2201 Datasheet HTML 78Page - Silicon Laboratories CP2201 Datasheet HTML 79Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
CP2200/1
Rev. 1.0
75
13.3. Flash Access Registers
The CP2200 Flash is accessed through the registers in Table 17. See the register tables following Table 17 for
detailed register descriptions
Register 59. FLASHSTA: Flash Status Register
Table 19. Flash Access Register Summary
Register
Long Name
Address
Description
FLASHSTA
Flash Status
0x7B
Used to determine the status of a Flash write
or erase operation.
FLASHKEY
Flash Lock and Key
0x67
Write-only register allowing the host to
unlock the Flash for writing or erasing.
FLASHADDRH
FLASHADDRL
Flash Address Register High and
Low Bytes
0x69
0x68
16-bit Address used for Flash operations.
FLASHDATA
Flash Read/Write Data Register
0x06
Data register used for writing or reading a
single byte of Flash.
FLASHAUTORD Flash AutoRead Data Register
0x05
Data register used for reading a block of
sequential data stored in Flash. Each read
from this register increments the Flash
address register by 1.
FLASHERASE
Flash Erase
0x6A
Initiates a Flash erase operation.
Note: To determine when a Flash operation completes, the FLBUSY bit should be polled or software should
wait for the Flash Write/Erase Operation Complete Interrupt to occur.
Bits 7–4: UNUSED. Read = 0000b, Write = don’t care.
Bit 3:
FLBUSY: FLASH Busy Indicator
This bit indicates when a FLASH write or erase operation is in progress.
0: FLASH is idle.
1: FLASH write/erase operation is currently in progress.
Bit 2:
Reserved.
Bit 1:
FLWRITE: FLASH Write
0: The last Flash operation completed was not a Flash write.
1: The last Flash operation completed was a Flash write.
Bit 0:
FLERASE: FLASH Erase
0: The last Flash operation completed was not a Flash erase.
1: The last Flash operation completed was a Flash erase.
R/W
R/W
R/W
R/W
R
R
R
R
Reset Value
—
—
—
—
FLBUSY Reserved FLWRITE FLERASE 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x7B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com