Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 61 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 61 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 57Page - Silicon Laboratories CP2201 Datasheet HTML 58Page - Silicon Laboratories CP2201 Datasheet HTML 59Page - Silicon Laboratories CP2201 Datasheet HTML 60Page - Silicon Laboratories CP2201 Datasheet HTML 61Page - Silicon Laboratories CP2201 Datasheet HTML 62Page - Silicon Laboratories CP2201 Datasheet HTML 63Page - Silicon Laboratories CP2201 Datasheet HTML 64Page - Silicon Laboratories CP2201 Datasheet HTML 65Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
CP2200/1
Rev. 1.0
61
Register 34. RXCN: Receive Interface Control
Register 35. RXSTA: Receive Interface Status
Bits 7–4: UNUSED. Read = 0000b, Write = don’t care.
Bit 3:
RXINH: Receive Inhibit
Setting this bit to ‘1’ temporarily inhibits new packet reception. If a packet is currently being
received, reception will continue until the packet is received. Once set, this bit must be cleared to ‘0’
by software to resume packet reception.
Bit 2:
RXCLRV: Valid Bit Clear
Writing a ‘1’ to this bit clears the valid bit of the current packet, freeing up the buffer for new packets.
This action should only be started after all bytes of the current packet have been read (CPEND = 1).
If the packet is not completely read, RXSKIP should be used to discard the remaining bytes.
Bit 1:
RXSKIP: Skip Current Packet
Writing a ‘1’ to this bit updates discards the current packet by clearing its valid bit and advances the
AutoRead buffer pointer to the beginning of the next packet.
Bit 0:
RXCLEAR: Receive Buffer Clear
Writing a ‘1’ to this bit discards all packets in the receive buffer and resets all buffer pointers and
valid bits to zero. Note: Any packets currently in the buffer will remain in memory, however, all infor-
mation such as the starting address and length of each packet will be lost. Any new packets that
arrive will overwrite the existing data.
R/W
R/W
R/W
R/W
R/W
W
W
W
Reset Value
—
—
—
—
RXINH
RXCLRV
RXSKIP RXCLEAR 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x11
Bits 7–2: UNUSED. Read = 000000b, Write = don’t care.
Bit 1:
CPEND: Current Packet End Reached
This bit is automatically cleared by hardware when the valid bit for the current packet is cleared (see
RXCLRV description) or the current packet is discarded (see RXSKIP description).
0: The last byte of the current packet has not been read using the AutoRead interface.
1: The last byte of the current packet has been read using the AutoRead interface.
Bit 0:
RXBUSY: Receiving Packet
0: Receive interface is idle.
1: Receive interface is currently receiving a packet.
R/WR/W
R/WR/W
R/WR/W
R
R
Reset Value
—
—
—
—
—
—
CPEND
RXBUSY 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com