Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 42 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 42 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 38Page - Silicon Laboratories CP2201 Datasheet HTML 39Page - Silicon Laboratories CP2201 Datasheet HTML 40Page - Silicon Laboratories CP2201 Datasheet HTML 41Page - Silicon Laboratories CP2201 Datasheet HTML 42Page - Silicon Laboratories CP2201 Datasheet HTML 43Page - Silicon Laboratories CP2201 Datasheet HTML 44Page - Silicon Laboratories CP2201 Datasheet HTML 45Page - Silicon Laboratories CP2201 Datasheet HTML 46Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
CP2200/1
42
Rev. 1.0
9.7. De-Selecting Interrupt Sources
The power-fail (VDD Monitor) reset is automatically enabled after every power-on reset. The software reset is
enabled after every device reset, regardless of the reset source. The RSTEN register can be used to prevent either
of these two reset sources from generating a device reset.
Register 14. RSTEN: Reset Enable Register
Table 13. Reset Electrical Characteristics
VDD = 3.1 to 3.6 V, –40 to +85 °C unless otherwise specified.
Parameters
Conditions
Min
Typ
Max
UNITS
RST Output Low Voltage
IOL = 8.5 mA
—
—
0.6
V
RST Input High Voltage
0.7 x VDD
——
V
RST Input Low Voltage
—
—
0.3 x VDD
V
RST Input Pullup Current
—
25
50
µA
VDD POR Threshold (VRST)
2.2
2.4
2.6
V
Minimum /RST Low Time to
Generate a System Reset
15
—
—
µs
VDD Monitor Turn-on Time
100
—
—
µs
VDD Monitor Supply Current
—
20
50
Bits 7–3: UNUSED. Read = 00000b, Write = don’t care.
Bit 2:
ESWRST: Enable Software Reset
0: Software reset is not selected as a reset source.
1: Software reset is selected as a reset source.
Bit 1:
EPFRST: Enable Power Fail Reset
0: The power fail detection circuitry (VDD Monitor) is not selected as a reset source.
1: The power fail detection circuitry (VDD Monitor) is selected as a reset source.
Bit 0:
UNUSED. Read = 0b, Write = don’t care.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
—
—
—
—
—
ESWRST EPFRST
—
00000100
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com