Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 20 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 16Page - Silicon Laboratories CP2201 Datasheet HTML 17Page - Silicon Laboratories CP2201 Datasheet HTML 18Page - Silicon Laboratories CP2201 Datasheet HTML 19Page - Silicon Laboratories CP2201 Datasheet HTML 20Page - Silicon Laboratories CP2201 Datasheet HTML 21Page - Silicon Laboratories CP2201 Datasheet HTML 22Page - Silicon Laboratories CP2201 Datasheet HTML 23Page - Silicon Laboratories CP2201 Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 108 page
background image
CP2200/1
20
Rev. 1.0
Table 7. Clocking Requirements
VDD = 3.1 to 3.6 V, –40 to +85 °C unless otherwise specified.
Parameters
Conditions
Min
Typ
Max
UNITS
Frequency
—
20
—
MHz
Frequency Error
—
—
±50
ppm
Duty Cycle
455055
%
Table 8. Input Clock Pin (XTAL1) DC Electrical Characteristics
VDD = 3.1 to 3.6 V, –40 to +85 °C unless otherwise specified.
Parameters
Conditions
Min
Typ
Max
UNITS
XTAL1 Input Low Voltage
—
—
0.7
V
XTAL1 Input High Voltage
2.0
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com