Electronic Components Datasheet Search
  English  ▼

X  

CP2201 Datasheet(PDF) 93 Page - Silicon Laboratories

Part # CP2201
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2201 Datasheet(HTML) 93 Page - Silicon Laboratories

Back Button CP2201 Datasheet HTML 89Page - Silicon Laboratories CP2201 Datasheet HTML 90Page - Silicon Laboratories CP2201 Datasheet HTML 91Page - Silicon Laboratories CP2201 Datasheet HTML 92Page - Silicon Laboratories CP2201 Datasheet HTML 93Page - Silicon Laboratories CP2201 Datasheet HTML 94Page - Silicon Laboratories CP2201 Datasheet HTML 95Page - Silicon Laboratories CP2201 Datasheet HTML 96Page - Silicon Laboratories CP2201 Datasheet HTML 97Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
CP2200/1
Rev. 1.0
93
Register 72. PHYSTA: Physical Layer Status Register
Table 22. 10BASE-T Interface DC Electrical Characteristics
VDD = 3.1 to 3.6 V, –40 to +85 °C unless otherwise specified.
Parameters
Conditions
Min
Typ
Max
UNITS
Transmitter Differential Output Voltage (Peak)
2.2
2.5
2.8
V
Receiver Normal Squelch Level (Peak)
—
585
—
mV
Receiver Low Squelch Level
—
330
—
mV
Physical Layer Startup Time
—
1
—
ms
Note: The Auto-Negotiation states and error types are described in Clause 28 of IEEE 802.3.
Bit 7:
LGCILF: Link Good Check Incompatible Link Failure
0: Normal operation.
1: Auto-negotiation failed due to an incompatible link.
Bit 6:
LGCLSF: Link Good Check Line Status Failure
0: Normal operation.
1. Auto-negotiation failed due to a link fault.
Bit 5:
AKDLF: Acknowledge Detect Link Failure
0: Normal operation.
1: Auto-negotiation failed due to lack of reception of fast link pulses.
Bit 4:
AKDAMF: Acknowledge Detect Acknowledge Match Failure
0: Normal operation.
1: Auto-negotiation failed due to reception of a link code word with the ACK bit cleared.
Bit 3:
AKDCMF: Acknowledge Detect Consistency Match Failure
0: Normal operation.
1: Auto-negotiation failed due to reception of inconsistent link code words.
Bit 2:
ABDLF: Ability Detect Link Failure
0: Normal operation.
1: Auto-negotiation failed due to lack of reception of fast link pulses.
Bit 1:
ABDAKMF: Ability Detect Acknowledge Match Failure
0: Normal operation.
1: Auto-negotiation failed due to the reception of link code word(s) with the ACK bit set.
Bit 0:
ABDABMF: Ability Detect Ability Match Failure
0: Normal operation.
1: Auto-negotiation failed due to the lack of reception of three consecutive link code words.
RR
RR
R
R
R
R
Reset Value
LGCILF
LGCLSF
AKDLF
AKDAMF AKDCMF
ABDLF
ABDAKMF ABDABMF 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com