Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 143 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 143 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 139Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 140Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 141Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 147Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-22
7.3
TXCAN Interrupt Logic
The TXCAN has the following interrupt sources:
•
Transmit interrupt: a message has been transmitted successfully
•
Receive interrupt: a message has been received successfully
•
Warning level interrupt: at least one of the two error counters is greater than or equal to 97
•
Error passive interrupt: TXCAN enters the error passive mode
•
Bus off interrupt: TXCAN enters the bus off mode
•
Time Stamp Overflow Interrupt
•
Transmission abort interrupt
•
Receive message lost interrupt
•
Wake-up interrupt: after wake-up from sleep mode this interrupt will be generated
•
Remote frame pending interrupt
These interrupt sources are divided in three groups: transmit interrupts, receive interrupts and global
interrupts. There is one interrupt output line for each group. CANRX is dedicated for receive interrupts,
CANTX is dedicated for transmit interrupts and CANEXC for the global interrupts.
Global Interrupt Flag Register (GIF)
The interrupt flag bits will be set if the corresponding interrupt condition has occurred. If the
corresponding interrupt mask bit is set in the GIM register, the interrupt line IRQ2 will go active high. As
long as an interrupt flag in the GIF register is set and the corresponding mask bit is also set, the interrupt line
IRQ2 will stay active high (“1”).
Bit
15
8
76543210
Name
RFPF
WUIF
RMLIF TRMABF TSOIF
BOIF
EPIF
WLIF
Bit
Name
Function
Reset
Value
Mode
15:8
Wired to zero
0R
7
RFPF
Remote Frame Pending Flag
1 = A remote frame has been received (in a receive-mailbox). This
bit will not be set if the identifier of the remote frame matches to
a transmit-mailbox with RFH set.
0 = No remote frame has been received.
0
R/C
6
WUIF
Wake-Up Interrupt Flag
1 = The module has left the sleep mode.
0 = The module is still in sleep mode or normal operation.
0
R/C
5
RMLIF
Receive Message Lost Interrupt Flag
1 = At least for one of the mailboxes, configured as receive, an
overload condition has been occurred.
0 = No message has been lost.
0
R/C
4
TRMABF
Transmission Abort Flag
1 = Transmission aborted interrupt-flag. At least one of the bits in
the AA register is set.
0 = No transmission has been aborted.
0
R/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com