Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 2 Page - NXP Semiconductors

  RC522 Datasheet HTML 1Page - NXP Semiconductors RC522 Datasheet HTML 2Page - NXP Semiconductors RC522 Datasheet HTML 3Page - NXP Semiconductors RC522 Datasheet HTML 4Page - NXP Semiconductors RC522 Datasheet HTML 5Page - NXP Semiconductors RC522 Datasheet HTML 6Page - NXP Semiconductors RC522 Datasheet HTML 7Page - NXP Semiconductors RC522 Datasheet HTML 8Page - NXP Semiconductors RC522 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
2 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
SPI interface up to 10 Mbit/s
I2C interface up to 400 kbit/s in Fast mode, up to 3400 kbit/s in High-speed mode
serial UART in different transfer speeds up to 1228.8 kbit/s, framing according to
the RS232 interface with voltage levels according pad voltage supply
Comfortable 64 byte send and receive FIFO-buffer
Flexible interrupt modes
Hard reset with low power function
Power-down mode per software
Programmable timer
Internal oscillator to connect 27.12 MHz quartz
2.5 - 3.3 V power supply
CRC Co-processor
Free programmable I/O pins
Internal self test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com