Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 30Page - NXP Semiconductors RC522 Datasheet HTML 31Page - NXP Semiconductors RC522 Datasheet HTML 32Page - NXP Semiconductors RC522 Datasheet HTML 33Page - NXP Semiconductors RC522 Datasheet HTML 34Page - NXP Semiconductors RC522 Datasheet HTML 35Page - NXP Semiconductors RC522 Datasheet HTML 36Page - NXP Semiconductors RC522 Datasheet HTML 37Page - NXP Semiconductors RC522 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
34 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.3.3
Reserved
Functionality is reserved for further use.
9.2.3.4
ModWidthReg
Controls the setting of modulation width.
9.2.3.5
Reserved
Functionality is reserved for further use.
Table 77:
Reserved register (address 23h); reset value: 88h
Bit
7
6
5
4
3
2
1
0
Symbol
-
Access
Rights
RFU
Table 78:
Description of Reserved register bits
Bit
Symbol
Description
7 to 0
-
Reserved for future use.
Table 79:
ModWidthReg register (address 24h); reset value: 26h
Bit
7
6
5
4
3
2
1
0
Symbol
ModWidth
Access
Rights
r/w
Table 80:
Description of ModWidthReg bits
Bit
Symbol
Description
7 to 0
ModWidth
These bits define the width of the Miller modulation as multiples of the
carrier frequency (ModWidth +1/fc). The maximum value is half the bit
period.
Table 81:
Reserved register (address 25h); reset value: 87h
Bit
7
6
5
4
3
2
1
0
Symbol
-
Access
Rights
RFU
Table 82:
Description of Reserved register bits
Bit
Symbol
Description
7 to 0
-
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com