Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 22Page - NXP Semiconductors RC522 Datasheet HTML 23Page - NXP Semiconductors RC522 Datasheet HTML 24Page - NXP Semiconductors RC522 Datasheet HTML 25Page - NXP Semiconductors RC522 Datasheet HTML 26Page - NXP Semiconductors RC522 Datasheet HTML 27Page - NXP Semiconductors RC522 Datasheet HTML 28Page - NXP Semiconductors RC522 Datasheet HTML 29Page - NXP Semiconductors RC522 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
26 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.2.4
RxModeReg
Defines the data rate during reception.
Table 44:
Description of TxModeReg bits
Bit
Symbol
Description
7
TxCRCEn
Set to logic 1, this bit enables the CRC generation during data
transmission.
Remark: This bit shall only be set to logic 0 at 106 kbit/s.
6 to 4
TxSpeed
Defines the bit rate while data transmission. The MFRC522 handels
transfer speeds up to 848 kbit/s.
Value
Description
000
106 kbit/s
001
212 kbit/s
010
424 kbit/s
011
848 kbit/s
100
Reserved
101
Reserved
110
Reserved
111
Reserved
3
InvMod
Set to logic 1, the modulation for transmitting data is inverted.
2 to 0
-
Reserved for future use.
Table 45:
RxModeReg register (address 13h); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
RxCRCEn
RxSpeed
RxNoErr
RxMultiple
-
Access
Rights
r/w
dy
r/w
r/w
RFU
Table 46:
Description of RxModeReg bits
Bit
Symbol
Description
7
RxCRCEn
Set to logic 1, this bit enables the CRC calculation during reception.
Remark: This bit shall only be set to logic 0 at 106 kbit/s.
6 to 4
RxSpeed
Defines the bit rate while data receiving. The MFRC522 handles
transfer speeds up to 848kbit/s.
Value
Description
000
106 kbit/s
001
212 kbit/s
010
424 kbit/s
011
848 kbit/s
100
Reserved
101
Reserved
110
Reserved
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com