Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 75Page - NXP Semiconductors RC522 Datasheet HTML 76Page - NXP Semiconductors RC522 Datasheet HTML 77Page - NXP Semiconductors RC522 Datasheet HTML 78Page - NXP Semiconductors RC522 Datasheet HTML 79Page - NXP Semiconductors RC522 Datasheet HTML 80Page - NXP Semiconductors RC522 Datasheet HTML 81Page - NXP Semiconductors RC522 Datasheet HTML 82Page - NXP Semiconductors RC522 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
79 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
19.3.1 Example: Output TestDAC 1 on AUX1 and TestDAC 2 on AUX2
Register AnalogTestReg is set to 11h. The output of AUX1 corresponds to the TestDAC 1
and the output of AUX2 to the TestDAC 2. The value of TestDAC 1 and TestDAC 2 is
controlled by register TestDAC1Reg and TestDAC2Reg.
Figure 24 shows TestDAC1Reg programmed with a slope from 00h to 3Fh. TestDAC2Reg
has been programmed with a rectangular signal with values of 00h and 3Fh.
19.3.2 Example: Output Testsignal Corr1 on AUX1 and MinLevel on AUX2
The following Figure 25 shows the test signal Corr 1 and the test signal MinLevel. The
AnalogTestReg is set to 24h. The output of AUX1 corresponds to the Corr1 signal and
AUX2 to the MinLevel.
Fig 24. Output TestDAC 1 on AUX1 and TestDAC 2 on AUX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com