Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 28Page - NXP Semiconductors RC522 Datasheet HTML 29Page - NXP Semiconductors RC522 Datasheet HTML 30Page - NXP Semiconductors RC522 Datasheet HTML 31Page - NXP Semiconductors RC522 Datasheet HTML 32Page - NXP Semiconductors RC522 Datasheet HTML 33Page - NXP Semiconductors RC522 Datasheet HTML 34Page - NXP Semiconductors RC522 Datasheet HTML 35Page - NXP Semiconductors RC522 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
32 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.2.14
MfRxReg
9.2.2.15
Reserved
Functionality is reserved for further use.
9.2.2.16
SerialSpeedReg
Selects the speed of the serial UART interface.
Table 65:
MfRxReg register (address 1Dh); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
-
Parity Disable
-
Access
Rights
RFU
r/w
RFU
Table 66:
Description of ManualRCVReg bits
Bit
Symbol
Description
7 to 5
-
Reserved for future use.
4
Parity Disable
If this bit is set to logic 1, the generation of the Parity bit for
transmission and the Parity-Check for receiving is switched off. The
received Parity bit is handled like a data bit.
3 to 0
-
Reserved for future use.
Table 67:
Reserved register (address 1Eh); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
-
Access
Rights
RFU
Table 68:
Description of Reserved register bits
Bit
Symbol
Description
7 to 0
-
Reserved for future use.
Table 69:
SerialSpeedReg register (address 1Fh); reset value: EBh
Bit
7
6
5
4
3
2
1
0
Symbol
BR_T0
BR_T1
Access
Rights
r/w
r/w
Table 70:
Description of SerialSpeedReg bits
Bit
Symbol
Description
7 to 5
BR_T0
Factor BR_T0 to adjust the transfer speed, for description see Section
10.3.2 “Selection of the transfer speeds”.
4 to 0
BR_T1
Factor BR_T1 to adjust the transfer speed, for description see Section
10.3.2 “Selection of the transfer speeds”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com