Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 25Page - NXP Semiconductors RC522 Datasheet HTML 26Page - NXP Semiconductors RC522 Datasheet HTML 27Page - NXP Semiconductors RC522 Datasheet HTML 28Page - NXP Semiconductors RC522 Datasheet HTML 29Page - NXP Semiconductors RC522 Datasheet HTML 30Page - NXP Semiconductors RC522 Datasheet HTML 31Page - NXP Semiconductors RC522 Datasheet HTML 32Page - NXP Semiconductors RC522 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
29 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.2.8
RxSelReg
Selects internal receiver settings.
3 to 0
MFOutSel
Selects the input for the MFOUT Pin.
Value
Description
0000
Tristate
0001
Low
0010
High
0011
TestBus signal as defined by bit TestBusBitSel in register
TestSel1Reg.
0100
Modulation signal (envelope) from the internal coder, Miller Puls
Coded
0101
Serial data stream to be transmitted, data stream before Miller
Coder
0110
Reserved
0111
Serial data stream received, data stream after Manchester
Decoder
1000-1111
Reserved
Table 52:
Description of TxSelReg bits
Bit
Symbol
Description
Table 53:
RxSelReg register (address 17h); reset value: 84h
Bit
7
6
5
4
3
2
1
0
Symbol
UartSel
RxWait
Access
Rights
r/w
r/w
Table 54:
Description of RxSelReg bits
Bit
Symbol
Description
7 to 6
UartSel
Selects the input of the contactless UART
Value
Description
00
Constant Low
01
Manchester with sub-carrier from MFIN pin
10
Modulation signal from the internal analog part, default
11
NRZ coding without sub-carrier from MFIN pin. Only valid for
transfer speeds above 106 kbit/s.
5 to 0
RxWait
After data transmission, the activation of the receiver is delayed for
RxWait bit-clocks. During this ‘frame guard time’ any signal at pin Rx is
ignored.This parameter is ignored by the receive command.
All other commands (e.g. Transceive, MFAuthent) use this parameter.
The counter starts immediately after the external RF field is switched on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com