Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 56Page - NXP Semiconductors RC522 Datasheet HTML 57Page - NXP Semiconductors RC522 Datasheet HTML 58Page - NXP Semiconductors RC522 Datasheet HTML 59Page - NXP Semiconductors RC522 Datasheet HTML 60Page - NXP Semiconductors RC522 Datasheet HTML 61Page - NXP Semiconductors RC522 Datasheet HTML 62Page - NXP Semiconductors RC522 Datasheet HTML 63Page - NXP Semiconductors RC522 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
60 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
10.4.12 Switching from F/S to HS mode and Vice Versa
After reset and initialization, the MFRC522 is in Fast mode (which is in effect F/S mode as
Fast mode is downward compatible to Standard mode). The connected MFRC522
recognizes the “S 00001XXX A” sequence and switches its internal circuitry from the Fast
mode setting to the HS mode setting.
Following actions are taken:
1. Adapt the SDA and SCL input filters according to the spike suppression requirement
in HS mode.
2. Adapt the slope control of the SDA output stages.
For system configurations, where no other I2C devices are involved in the communication,
have an additional possibility to switch to HS-mode. By setting the bit I2CForceHS in
register Status2Reg to logic 1, the HS mode is entered. Setting this bit to logic 1 changes
the HS-mode permanent meaning that sending the master code is no longer necessary.
This is not according the specification and should only be used when no other devices are
connected on the bus. Spikes on the I2C lines shall be avoided because of the reduced
spike suppression.
10.4.13 MFRC522 at Lower Speed modes
MFRC522 is fully downwards compatible, and can be connected to an F/S mode I2C-bus
system. As no master code will be transmitted in such a configuration, the device stays in
F/S mode and communicates at F/S mode speeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com