Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 21Page - NXP Semiconductors RC522 Datasheet HTML 22Page - NXP Semiconductors RC522 Datasheet HTML 23Page - NXP Semiconductors RC522 Datasheet HTML 24Page - NXP Semiconductors RC522 Datasheet HTML 25Page - NXP Semiconductors RC522 Datasheet HTML 26Page - NXP Semiconductors RC522 Datasheet HTML 27Page - NXP Semiconductors RC522 Datasheet HTML 28Page - NXP Semiconductors RC522 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
25 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.2.2
ModeReg
Defines general mode settings for transmitting and receiving.
9.2.2.3
TxModeReg
Defines the data rate during transmission.
Table 41:
ModeReg register (address 11h); reset value: 3Fh
Bit
7
6
5
4
3
2
1
0
Symbol
MSBFirst
-
TxWaitRF
-
PolMFin
-
CRCPreset
Access
Rights
r/w
RFU
r/w
RFU
r/w
RFU
r/w
Table 42:
Description of ModeReg bits
Bit
Symbol
Description
7
MSBFirst
Set to logic 1, the CRC co-processor calculates the CRC with MSB
first and the CRCResultMSB and the CRCResultLSB in the
CRCResultReg register are bit reversed.
Remark: During RF communication this bit is ignored.
6
-
Reserved for future use.
5
TxWaitRF
Set to logic 1 the transmitter can only be started, if an RF field is
generated.
4
-
Reserved for future use.
3
PolMFin
PolMFin defines the polarity of the MFIN pin. Set to logic 1, the polarity
of MFIN pin is active high. Set to logic 0 the polarity of MFIN pin is
active low.
Remark: The internal envelope signal is coded active low.
Changing this bit will generate a MFinActIRq event.
2
-
Reserved for future use.
1 to 0
CRCPreset
Defines the preset value for the CRC co-processor for the command
CalCRC.
Remark: During any communication, the preset values is selected
automatically according to the definition in the bits in
RxModeReg and TxModeReg.
Value
Description
00
0000
01
6363
10
A671
11
FFFF
Table 43:
TxModeReg register (address 12h); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
TxCRCEn
TxSpeed
InvMod
-
Access
Rights
r/w
dy
r/w
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com