Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 19Page - NXP Semiconductors RC522 Datasheet HTML 20Page - NXP Semiconductors RC522 Datasheet HTML 21Page - NXP Semiconductors RC522 Datasheet HTML 22Page - NXP Semiconductors RC522 Datasheet HTML 23Page - NXP Semiconductors RC522 Datasheet HTML 24Page - NXP Semiconductors RC522 Datasheet HTML 25Page - NXP Semiconductors RC522 Datasheet HTML 26Page - NXP Semiconductors RC522 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
23 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.1.14
BitFramingReg
Adjustments for bit oriented frames.
9.2.1.15
CollReg
Defines the first bit collision detected on the RF interface.
Table 33:
BitFramingReg register (address 0Dh); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
StartSend
RxAlign
-
TxLastBits
Access
Rights
wr/w
RFU
r/w
Table 34:
Description of BitFramingReg bits
Bit
Symbol
Description
7
StartSend
Set to logic 1, the transmission of data starts.
This bit is only valid in combination with the Transceive command.
6 to 4
RxAlign
Used for reception of bit oriented frames: RxAlign defines the bit position
for the first bit received to be stored in the FIFO. Further received bits are
stored at the following bit positions.
Example:
RxAlign = 0:
the LSB of the received bit is stored at bit 0, the second
received bit is stored at bit position 1.
RxAlign = 1:
the LSB of the received bit is stored at bit 1, the second
received bit is stored at bit position 2.
RxAlign = 7:
the LSB of the received bit is stored at bit 7, the second
received bit is stored in the following byte at bit position 0.
This bits shall only be used for bitwise anticollision at 106 kbit/s. In all
other modes it shall be set to 0.
3
-
Reserved for future use.
2 to 0
TxLastBits
Used for transmission of bit oriented frames: TxLastBits defines the
number of bits of the last byte that shall be transmitted. A 000b indicates
that all bits of the last byte shall be transmitted.
Table 35:
CollReg register (address 0Eh); reset value: XXh
Bit
7
6
5
4
3
2
1
0
Symbol
Values
AfterColl
-CollPos
NotValid
CollPos
Access
Rights
r/w
RFU
r
r
Table 36:
Description of CollReg bits
Bit
Symbol
Description
7
ValuesAfterColl
If this bit is set to logic 0, all receiving bits will be cleared after a
collision. This bit shall only be used during bitwise anticollision at
106 kbit/s, otherwise it shall be set to logic 1.
6
-
Reserved for future use.
5
CollPosNotValid
Set to logic 1, if no collision is detected or the position of the collision
is out of the range of bits CollPos.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com