Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 32Page - NXP Semiconductors RC522 Datasheet HTML 33Page - NXP Semiconductors RC522 Datasheet HTML 34Page - NXP Semiconductors RC522 Datasheet HTML 35Page - NXP Semiconductors RC522 Datasheet HTML 36Page - NXP Semiconductors RC522 Datasheet HTML 37Page - NXP Semiconductors RC522 Datasheet HTML 38Page - NXP Semiconductors RC522 Datasheet HTML 39Page - NXP Semiconductors RC522 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
36 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.3.8
CWGsPReg
Defines the conductance of the P-driver during times of no modulation
9.2.3.9
ModGsPReg
Defines the driver P-output conductance during modulation.
Table 87:
CWGsPReg register (address 28h); reset value: 20h
Bit
7
6
5
4
3
2
1
0
Symbol
-
CWGsP
Access
Rights
RFU
r/w
Table 88:
Description of CWGsPReg bits
Bit
Symbol
Description
7 to 6
-
Reserved for future use.
5 to 0
CWGsP
The value of this register defines the conductance of the output
P-driver. This may be used to regulate the output power and
subsequently current consumption and operating distance.
Remark: The conductance value is binary weighted.
During soft Power-down mode the highest bit is forced to 1.
Table 89:
ModGsPReg register (address 29h); reset value: 20h
Bit
7
6
5
4
3
2
1
0
Symbol
-
ModGsP
Access
Rights
RFU
r/w
Table 90:
Description of ModGsPReg bits
Bit
Symbol
Description
7 to 6
-
Reserved for future use.
5 to 0
ModGsP
The value of this register defines the conductance of the output
P-driver for the time of modulation. This may be used to regulate the
modulation index.
Remark: The conductance value is binary weighted.
During soft Power-down mode the highest bit is forced to 1.
If Force100ASK is set to logic 1, the value of ModGsP has
no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com