Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 86Page - NXP Semiconductors RC522 Datasheet HTML 87Page - NXP Semiconductors RC522 Datasheet HTML 88Page - NXP Semiconductors RC522 Datasheet HTML 89Page - NXP Semiconductors RC522 Datasheet HTML 90Page - NXP Semiconductors RC522 Datasheet HTML 91Page - NXP Semiconductors RC522 Datasheet HTML 92Page - NXP Semiconductors RC522 Datasheet HTML 93Page - NXP Semiconductors RC522 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
90 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
23.8 Timing for the SPI compatible interface
Table 174: Timing Specification for SPI
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tSCKL
SCK low pulse width
50
-
ns
tSCKH
SCK high pulse width
50
-
ns
tSHDX
SCK high to data changes
25
-
ns
tDXSH
data changes to SCK high
25
-
ns
tSLDX
SCK low to data changes
-
25
ns
tSLNH
SCK low to NSS high
0
-
ns
Remark: The signal NSS has to be low to be able to send several bytes in one datastream.
To send more than one datastream NSS has to be set to HIGH level in between the data
streams.
Fig 30. Timing Diagram for SPI.
SCK
MOSI
NSS
MISO
t
SCKL
t
SCKL
t
SCKH
t
SHDX
t
DXSH
MSB
LSB
MSB
LSB
t
SLDX
t
DXSH
t
SLNH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com