Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 10Page - NXP Semiconductors RC522 Datasheet HTML 11Page - NXP Semiconductors RC522 Datasheet HTML 12Page - NXP Semiconductors RC522 Datasheet HTML 13Page - NXP Semiconductors RC522 Datasheet HTML 14Page - NXP Semiconductors RC522 Datasheet HTML 15Page - NXP Semiconductors RC522 Datasheet HTML 16Page - NXP Semiconductors RC522 Datasheet HTML 17Page - NXP Semiconductors RC522 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
14 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.1.3
CommIEnReg
Control bits to enable and disable the passing of interrupt requests.
Table 9:
CommandReg register (address 01h); reset value: 20h
Bit
7
6
5
4
3
2
1
0
Symbol
-
RcvOff
Power Down
Command
Access
Rights
RFU
r/w
dy
dy
Table 10:
Description of CommandReg bits
Bit
Symbol
Description
7 to 6
-
Reserved for future use.
5
RcvOff
Set to logic 1, the analog part of the receiver is switched off.
4
PowerDown
Set to logic 1, Soft Power-down mode is entered.
Set to logic 0, the MFRC522 starts the wake up procedure. During this
procedure this bit still shows a logic 1. A logic 0 indicates that the
MFRC522 is ready for operations; see Section 16.2 “Soft
Power-down”.
Remark: The bit PowerDown cannot be set, when the command
SoftReset has been activated.
3 to 0
Command
Activates a command according to the Command Code. Reading this
register shows which command is actually executed (see Section 18.3
“MFRC522 Commands Overview”).
Table 11:
CommIEnReg register (address 02h); reset value: 80h
Bit
7
6
5
4
3
2
1
0
Symbol
IRqInv
TxIEn
RxIEn
IdleIEn
HiAlertIEn
LoAlertIEn
ErrIEn
TimerIEn
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Table 12:
Description of CommIEnReg bits
Bit
Symbol
Description
7
IRqInv
Set to logic 1, the signal on pin IRQ is inverted with respect to bit IRq in the
register Status1Reg.
Set to logic 0, the signal on pin IRQ is equal to bit IRq. In combination with
bit IRqPushPull in register DivIEnReg, the default value of logic 1 ensures,
that the output level on pin IRQ is tristate.
6
TxIEn
Allows the transmitter interrupt request (indicated by bit TxIRq) to be
propagated to pin IRQ.
5
RxIEn
Allows the receiver interrupt request (indicated by bit RxIRq) to be
propagated to pin IRQ.
4
IdleIEn
Allows the idle interrupt request (indicated by bit IdleIRq) to be propagated to
pin IRQ.
3
HiAlertIEn
Allows the high alert interrupt request (indicated by bit HiAlertIRq) to be
propagated to pin IRQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com