Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 69Page - NXP Semiconductors RC522 Datasheet HTML 70Page - NXP Semiconductors RC522 Datasheet HTML 71Page - NXP Semiconductors RC522 Datasheet HTML 72Page - NXP Semiconductors RC522 Datasheet HTML 73Page - NXP Semiconductors RC522 Datasheet HTML 74Page - NXP Semiconductors RC522 Datasheet HTML 75Page - NXP Semiconductors RC522 Datasheet HTML 76Page - NXP Semiconductors RC522 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
73 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
18.3.1 MFRC522 Command Description
18.3.1.1
Idle Command
The MFRC522 is in Idle mode. This command is also used to terminate the actual
command.
18.3.1.2
Mem Command
Transfers 25 byte from the FIFO to the internal buffer.
To read out the 25 byte from the internal buffer, the command Mem with an empty FIFO
buffer has to be started. In this case the 25 bytes are transferred from the internal buffer to
the FIFO.
During a hard power down (reset pin) the 25 byte in the internal buffer remains unchanged
but will be lost when supply power is removed from MFRC522.
This command terminates automatically when finished and the active command is idle.
18.3.1.3
Generate RandomID Command
This command generates a 10 byte random number stored in the internal buffer and
overwrites the 10 bytes internal 25 byte buffer. This command terminates automatically
when finished and the MFRC522 returns to idle.
18.3.1.4
CalcCRC Command
The content of the FIFO is transferred to the CRC co-processor and a CRC calculation is
started. The result of this calculation is stored in the CRCResultReg register. The CRC
calculation is not limited to a dedicated number of bytes. The calculation is not stopped,
when the FIFO gets empty during the data stream. The next byte written to the FIFO is
added to the calculation.
The pre-set value of the CRC is controlled by the CRCPreset bits of the ModeReg register
and the value is loaded to the CRC co-processor when the command is started.
This command has to be terminated by writing any command to register CommandReg
e.g. the command Idle.
If the SelfTest bits in the register AutoTestReg are set correct, the MFRC522 is in Self Test
mode and starting the CalCCRC command performs a digital selftest. The result of the
selftest is written to the FIFO.
18.3.1.5
Transmit Command
The content of the FIFO is transmitted immediately after starting the command. Before
transmitting the FIFO content all relevant register have to be set to transmit data.
This command terminates automatically when the FIFO gets empty. It can be terminated
by any other command written to the command register.
18.3.1.6
NoCmdChange Command
This command does not influence any ongoing command in the CommandReg register. It
can be used to manipulate any bit except the command bits in the CommandReg register,
e.g. the bits RcvOff or PowerDown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com