Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 18Page - NXP Semiconductors RC522 Datasheet HTML 19Page - NXP Semiconductors RC522 Datasheet HTML 20Page - NXP Semiconductors RC522 Datasheet HTML 21Page - NXP Semiconductors RC522 Datasheet HTML 22Page - NXP Semiconductors RC522 Datasheet HTML 23Page - NXP Semiconductors RC522 Datasheet HTML 24Page - NXP Semiconductors RC522 Datasheet HTML 25Page - NXP Semiconductors RC522 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
22 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.1.13
ControlReg
Miscellaneous control bits.
Table 30:
Description of WaterLevelReg bits
Bit
Symbol
Description
7 to 6
-
Reserved for future use.
5 to 0
WaterLevel
This register defines a warning level to indicate a FIFO-buffer over- or
underflow:
The bit HiAlert in Status1Reg is set to logic 1, if the remaining
number of bytes in the FIFO-buffer space is equal or less than the
defined number of WaterLevel bytes.
The bit LoAlert in Status1Reg is set to logic 1, if equal or less than
WaterLevel bytes are in the FIFO.
Remark: For the calculation of HiAlert and LoAlert see Section 9.2.1.8
“Status1Reg”.
Table 31:
ControlReg register (address 0Ch); reset value: 10h
Bit
7
6
5
4
3
2
1
0
Symbol
TStopNow
TStartNow
-
RxLastBits
Access
Rights
ww
RFU
r
Table 32:
Description of ControlReg bits
Bit
Symbol
Description
7
TStopNow
Set to logic 1, the timer stops immediately.
Reading this bit will always return 0.
6
TStartNow
Set to logic 1 starts the timer immediately.
Reading this bit will always return 0.
5 to 3
-
Reserved for future use.
2 to 0
RxLastBits
Shows the number of valid bits in the last received byte. If 0, the
whole byte is valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com