Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 3Page - NXP Semiconductors RC522 Datasheet HTML 4Page - NXP Semiconductors RC522 Datasheet HTML 5Page - NXP Semiconductors RC522 Datasheet HTML 6Page - NXP Semiconductors RC522 Datasheet HTML 7Page - NXP Semiconductors RC522 Datasheet HTML 8Page - NXP Semiconductors RC522 Datasheet HTML 9Page - NXP Semiconductors RC522 Datasheet HTML 10Page - NXP Semiconductors RC522 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
7 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 3.
Pinning configuration HVQFN32 (SOT617-1).
Table 3:
Pin description
Symbol
Pin
Type
Description
I2C1
I
I2C enable[2]
PVDD
2
PWR
Pad power supply
DVDD
3
PWR
Digital Power Supply
DVSS
4
PWR
Digital Ground[1]
PVSS
5
PWR
Pad power supply ground
NRSTPD
6
I
Not Reset and Power-down: When LOW, internal current
sinks are switched off, the oscillator is inhibited, and the input
pads are disconnected from the outside world. With a positive
edge on this pin the internal reset phase starts.
MFIN
7
I
Mifare Signal Input
MFOUT
8
O
Mifare Signal Output
SVDD
9
PWR
MFIN / MFOUT Pad Power Supply: provides power to for the
MFIN / MFOUT pads
TVSS
10, 14
PWR
Transmitter Ground: supplies the output stage of TX1 and
TX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com