Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 27Page - NXP Semiconductors RC522 Datasheet HTML 28Page - NXP Semiconductors RC522 Datasheet HTML 29Page - NXP Semiconductors RC522 Datasheet HTML 30Page - NXP Semiconductors RC522 Datasheet HTML 31Page - NXP Semiconductors RC522 Datasheet HTML 32Page - NXP Semiconductors RC522 Datasheet HTML 33Page - NXP Semiconductors RC522 Datasheet HTML 34Page - NXP Semiconductors RC522 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
31 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.2.11
Reserved
Functionality is reserved for further use.
9.2.2.12
Reserved
Functionality is reserved for further use.
9.2.2.13
MfTxReg
Controls some MIFARE® communication transmit parameters
Table 59:
Reserved register (address 1Ah); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
-
Access
Rights
RFU
Table 60:
Description of Reserved register bits
Bit
Symbol
Description
7 to 0
-
Reserved for future use.
Table 61:
Reserved register (address 1Bh); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
-
Access
Rights
RFU
Table 62:
Description of Reserved register bits
Bit
Symbol
Description
7 to 0
-
Reserved for future use.
Table 63:
MfTxReg register (address 1Ch); reset value: 62h
Bit
7
6
5
4
3
2
1
0
Symbol
-
TxWait
Access
Rights
RFU
r/w
Table 64:
Description of MifNFCReg bits
Bit
Symbol
Description
7 to 2
-
Reserved for future use.
1 to 0
TxWait
These bits define the additional response time. Per default 7 bits are
added to the value of the register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com