Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 48Page - NXP Semiconductors RC522 Datasheet HTML 49Page - NXP Semiconductors RC522 Datasheet HTML 50Page - NXP Semiconductors RC522 Datasheet HTML 51Page - NXP Semiconductors RC522 Datasheet HTML 52Page - NXP Semiconductors RC522 Datasheet HTML 53Page - NXP Semiconductors RC522 Datasheet HTML 54Page - NXP Semiconductors RC522 Datasheet HTML 55Page - NXP Semiconductors RC522 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
52 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
10.4 I2C Bus Interface
An Inter IC (I2C) bus interface is supported to enable a low cost, low pin count serial bus
interface to the host. The implemented I2C interface is implemented according the NXP
Semiconductors I2C interface specification, rev. 2.1, January 2000. The implemented
interface can only act in Slave mode. Therefore no clock generation and access
arbitration is implemented in the MFRC522.
10.4.1 General
The implemented interface is conform to the I2C-bus specification version 2.1,
January 2000. The MFRC522 can act as a slave receiver or slave transmitter in Standard
mode, Fast mode and High-speed mode.
SDA is a bi-directional line, connected to a positive supply voltage via a current-source or
a pull-up resistor. Both lines SDA and SCL are set to HIGH level if no data is transmitted.
The MFRC522 has a tri-state output stage to perform the wired-AND function. Data on the
I2C-bus can be transferred at data rates of up to 100 kbit/s in Standard mode, up to
400 kbit/s in the Fast mode or up to 3.4 Mbit/s in the High-speed mode.
If the I2C interface is selected, a spike suppression according to the I2C interface
specification on SCL and SDA is activated.
For timing requirements refer to Section 23.9 “I2C Timing”
Fig 11. I2C interface.
pullup
network
pullup
network
SDA
SCL
I2C
EA
configuration
wiring
RC522
C
D[1..6]
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com