Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 61Page - NXP Semiconductors RC522 Datasheet HTML 62Page - NXP Semiconductors RC522 Datasheet HTML 63Page - NXP Semiconductors RC522 Datasheet HTML 64Page - NXP Semiconductors RC522 Datasheet HTML 65Page - NXP Semiconductors RC522 Datasheet HTML 66Page - NXP Semiconductors RC522 Datasheet HTML 67Page - NXP Semiconductors RC522 Datasheet HTML 68Page - NXP Semiconductors RC522 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
65 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
12. FIFO Buffer
12.1 Overview
An 64
× 8-bit FIFO buffer is implemented in the MFRC522. It buffers the input and output
data stream between the host and the internal state machine of the MFRC522. Thus, it is
possible to handle data streams with lengths of up to 64 bytes without taking timing
constraints into account.
12.2 Accessing the FIFO Buffer
The FIFO-buffer input and output data bus is connected to the register FIFODataReg.
Writing to this register stores one byte in the FIFO-buffer and increments the internal
FIFO-buffer write-pointer. Reading from this register shows the FIFO-buffer contents
stored at the FIFO-buffer read-pointer and decrements the FIFO-buffer read-pointer. The
distance between the write- and read-pointer can be obtained by reading the register
FIFOLevelReg.
When the
μ-Controller starts a command, the MFRC522 may, while the command is in
progress, access the FIFO-buffer according to that command. Physically only one
FIFO-buffer is implemented, which can be used in input- and output direction. Therefore
the
μ-Controller has to take care, not to access the FIFO-buffer in an unintended way.
12.3 Controlling the FIFO-Buffer
Besides writing to and reading from the FIFO-buffer, the FIFO-buffer pointers might be
reset by setting the bit FlushBuffer in the register FIFOLevelReg to 1. Consequently, the
FIFOLevel bits are set to logic 0, the bit BufferOvfl in the register ErrorReg is cleared, the
actually stored bytes are not accessible any more and the FIFO-buffer can be filled with
another 64 bytes again.
12.4 Status Information about the FIFO-Buffer
The host may obtain the following data about the FIFO-buffers status:
• Number of bytes already stored in the FIFO-buffer: FIFOLevel in register
FIFOLevelReg
• Warning, that the FIFO-buffer is almost full: HiAlert in register Status1Reg
• Warning, that the FIFO-buffer is almost empty: LoAlert in register Status1Reg
• Indication, that bytes were written to the FIFO-buffer although it was already full:
BufferOvfl in register ErrorReg. BufferOvfl can be cleared only by setting bit
FlushBuffer in the register FIFOLevelReg.
The MFRC522 can generate an interrupt signal
• If LoAlertIEn in register CommIEnReg is set to logic 1 it will activate pin IRQ when
LoAlert in the register Status1Reg changes to 1.
• If HiAlertIEN in register CommIEnReg is set to logic 1 it will activate pin IRQ when
HiAlert in the register Status1Reg changes to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com