Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 1 Page - NXP Semiconductors

  RC522 Datasheet HTML 1Page - NXP Semiconductors RC522 Datasheet HTML 2Page - NXP Semiconductors RC522 Datasheet HTML 3Page - NXP Semiconductors RC522 Datasheet HTML 4Page - NXP Semiconductors RC522 Datasheet HTML 5Page - NXP Semiconductors RC522 Datasheet HTML 6Page - NXP Semiconductors RC522 Datasheet HTML 7Page - NXP Semiconductors RC522 Datasheet HTML 8Page - NXP Semiconductors RC522 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
1.
Introduction
This document describes the functionality of the contactless reader/writer MFRC522. It
includes the functional and electrical specifications.
2.
General description
The MFRC522 is a highly integrated reader/writer for contactless communication at 13.56
MHz. The MFRC522 reader supports ISO 14443A / MIFARE® mode.
The MFRC522’s internal transmitter part is able to drive a reader/writer antenna designed
to communicate with ISO/IEC 14443A/MIFARE® cards and transponders without
additional active circuitry. The receiver part provides a robust and efficient implementation
of a demodulation and decoding circuitry for signals from ISO/IEC 14443A/MIFARE®
compatible cards and transponders. The digital part handles the complete
ISO/IEC 14443A framing and error detection (Parity & CRC).The MFRC522 supports
MIFARE®Classic (e.g. MIFARE® Standard) products. The MFRC522 supports contactless
communication using MIFARE® higher transfer speeds up to 848 kbit/s in both directions.
Various host interfaces are implemented:
• SPI interface
• serial UART (similar to RS232 with voltage levels according pad voltage supply)
• I2C interface.
3.
Features
Highly integrated analog circuitry to demodulate and decode responses
Buffered output drivers to connect an antenna with minimum number of external
components
Supports ISO/IEC 14443A / MIFARE®
Typical operating distance in Reader/Writer mode for communication to a
ISO/IEC 14443A / MIFARE® up to 50 mm depending on the antenna size and tuning
Supports MIFARE® Classic encryption in Reader/Writer mode
Supports ISO/IEC 14443A higher transfer speed communication up to 848 kbit/s
Support of the MFIN / MFOUT
Additional power supply to directly supply the smart card IC connected via MFIN /
MFOUT
Supported host interfaces
MFRC522
Contactless Reader IC
Rev. 3.2 — 22 May 2007
Product data sheet
112132
PUBLIC INFORMATION


Similar Part No. - RC522

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RC522 NXP-RC522 Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
More results

Similar Description - RC522

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
Jan-2001
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
NXP Semiconductors
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
Multiple Protocol Contactless Reader IC
May 2003
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
Contactless reader IC
Rev. 3.3-5 March 2010
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com