Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 40Page - NXP Semiconductors RC522 Datasheet HTML 41Page - NXP Semiconductors RC522 Datasheet HTML 42Page - NXP Semiconductors RC522 Datasheet HTML 43Page - NXP Semiconductors RC522 Datasheet HTML 44Page - NXP Semiconductors RC522 Datasheet HTML 45Page - NXP Semiconductors RC522 Datasheet HTML 46Page - NXP Semiconductors RC522 Datasheet HTML 47Page - NXP Semiconductors RC522 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
44 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.4.10
TestDAC1Reg
Defines the test values for TestDAC1.
9.2.4.11
TestDAC2Reg
Defines the test value for TestDAC2.
9.2.4.12
TestADCReg
Shows the actual value of ADC I and Q channel.
Table 121: TestDAC1Reg register (address 39h); reset value: XXh
Bit
7
6
5
4
3
2
1
0
Symbol
-
TestDAC1
Access
Rights
RFU
r/w
Table 122: Description of TestDAC1Reg bits
Bit
Symbol
Description
7
-
Reserved for production tests.
6
-
Reserved for future use.
5 to 0
TestDAC1
Defines the test value for TestDAC1. The output of the DAC1 can be
switched to AUX1 by setting AnalogSelAux1 to 0001b in register
AnalogTestReg.
Table 123: TestDAC2Reg register (address 3Ah); reset value: XXh
Bit
7
6
5
4
3
2
1
0
Symbol
-
TestDAC2
Access
Rights
RFU
r/w
Table 124: Description ofTestDAC2Reg bits
Bit
Symbol
Description
7 to 6
-
Reserved for future use.
5 to 0
TestDAC2
Defines the testvalue for TestDAC2. The output of the DAC2 can be
switched to AUX2 by setting AnalogSelAux2 to 0001b in register
AnalogTestReg.
Table 125: TestADCReg register (address 3Bh); reset value: XXh
Bit
7
6
5
4
3
2
1
0
Symbol
ADC_I
ADC_Q
Access
Rights
rr
Table 126: Description of TestADCReg bits
Bit
Symbol
Description
7 to 4
ADC_I
Shows the actual value of ADC I channel.
3 to 0
ADC_Q
Shows the actual value of ADC Q channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com